Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4ACT299 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDX4ACT299
Description  CDx4AC299, CD74AC323, CDx4ACT299 8-Lnput Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDX4ACT299 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDX4ACT299 Datasheet HTML 3Page - Texas Instruments CDX4ACT299 Datasheet HTML 4Page - Texas Instruments CDX4ACT299 Datasheet HTML 5Page - Texas Instruments CDX4ACT299 Datasheet HTML 6Page - Texas Instruments CDX4ACT299 Datasheet HTML 7Page - Texas Instruments CDX4ACT299 Datasheet HTML 8Page - Texas Instruments CDX4ACT299 Datasheet HTML 9Page - Texas Instruments CDX4ACT299 Datasheet HTML 10Page - Texas Instruments CDX4ACT299 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
4.7 Switching Characteristics, AC Series
tr, tl = 3 ns, CL = 50 pF
SYMBOL
CHARACTERISTICS
VCC (V)
AMBIENT TEMPERATURE (TA) - °C
UNIT
-40 to +85
-55 to +125
MIN
MAX
MIN
MAX
Propagation Delays: CP to Q0, Q7
1.5
—
147
—
162
ns
tPLH
3.3
(1)
4.7
16.5
4.5
18.1
tPHL
5
(2)
3.3
11.7
3.2
12.9
CP to (I/O)n
1.5
—
154
—
169
ns
tPLH
3.3
4.9
17.2
4.7
18.9
tPHL
5
3.5
12.3
3.4
13.5
MR to Q0, Q7 (299 only)
1.5
—
127
—
140
ns
tPLH
3.3
4
14.3
3.9
15.7
tPHL
5
2.9
10.2
2.8
11.2
MR to (I/O)n
1.5
—
158
—
174
ns
tPLH
3.3
5
17.7
4.9
19.5
tPHL
5
3.6
12.6
3.5
13.9
tPZL
Enable and Disable Times
1.5
169
186
ns
tPZH
3.3
5.8
20.4
5.6
22.4
tPLZ tPHZ
5
3.8
13.5
3.7
14.9
Cpd
(3)
Power Dissipation Capacitance
—
280 Typ.
280 Typ.
pF
CI
Input Capacitance
—
—
10
—
10
pF
CO
3-State Output Capacitance
—
—
15
—
15
pF
(1)
3.3 V: min. is @ 3.6 V
(2)
5 V: min. is @ 5.5 V
(3)
Cpd is used to determine the dynamic power consumption, per function.
4.8 Switching Characteristics, ACT Series
tr, tl = 3 ns, CL = 50 pF
SYMBOL
CHARACTERISTICS
VCC (V)
AMBIENT TEMPERATURE (TA) - °C
UNIT
-40 to +85
-55 to +125
MIN
MAX
MIN
MAX
tPLH tPHL
Propagation Delays: CP to Q0, Q7
5(1)
3.3
11.7
3.2
12.9
ns
tPLH tPHL
CP to (I/O)n
5
3.7
13.2
3.6
14.5
ns
tPLH tPHL
MR to Q0, Q7 (299 only)
5
3.1
11.1
3.1
12.2
ns
tPLH tPHL
MR to (I/O)n
5
4.8
16.9
4.7
18.6
ns
tPLZ tPHZ tPZL
tPZH
Enable and Disable Times
5
3.8
13.5
3.7
14.9
ns
CPD§
Power Dissipation Capacitance
—
280 Typ.
280 Typ.
pF
CI
Input Capacitance
—
—
10
—
10
pF
CO
3-State Output Capacitance
—
—
15
—
15
pF
(1)
5 V: min. is @ 5.5 V
www.ti.com
CD54AC299, CD74AC299, CD74AC323, CD54ACT299, CD74ACT299
SCHS288A – DECEMBER 1998 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD54AC299 CD74AC299 CD74AC323 CD54ACT299 CD74ACT299



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com