Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54AC374 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54AC374
Description  CDx4AC374, CDx4ACT374, CD74AC534 Octal D-Type Flip-Flops, 3-State Positive- Edge Triggered
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54AC374 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54AC374 Datasheet HTML 3Page - Texas Instruments CD54AC374 Datasheet HTML 4Page - Texas Instruments CD54AC374 Datasheet HTML 5Page - Texas Instruments CD54AC374 Datasheet HTML 6Page - Texas Instruments CD54AC374 Datasheet HTML 7Page - Texas Instruments CD54AC374 Datasheet HTML 8Page - Texas Instruments CD54AC374 Datasheet HTML 9Page - Texas Instruments CD54AC374 Datasheet HTML 10Page - Texas Instruments CD54AC374 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
4.8 Switching Characteristics: AC Series
tr, tl = 3 ns, CL = 50 pF
SYMBOL
CHARACTERISTICS
VCC (V)
AMBIENT TEMPERATURE (TA) - °C
UNIT
-40 to +85
-55 to+125
MIN
MAX
MIN
MAX
tPLH, tPHL
Propagation Delays: Clock to Q AC374
1.5
—
123
—
135
ns
3.3(1)
3.9
13.7
3.8
15.1
5(2)
2.8
9.8
2.7
10.8
tPLH, tPHL
Clock to Q AC534
1.5
128
—
141
ns
3.3
4.1
14.4
4
15.8
5
2.9
10.3
2.8
11.3
tPLH, tPZH
Output Enable to Q, Q
1.5
—
165
—
181
ns
3.3
5.6
19.8
5.5
21.8
5
3.7
13.2
3.6
14.5
tPLZ, tPHZ
Output Disable to Q, Q
1.5
—
165
—
181
ns
3.3
4.7
16.5
4.5
18.1
5
3.7
13.2
3.6
14.5
CPD (3)
Power Dissipation Capacitance
—
67 Typ.
67 Typ.
pF
VOHV
Min. (Valley) VOH During Switching of
Other Outputs (Output Under Test Not
Switching)
5
4 Typ. @ 25°C
V
Max. (Peak) VOL During Switching of
Other Outputs (Output Under Test Not
Switching)
5
1 Typ. @25°C
V
CI
Input Capacitance
—
—
10
—
10
pF
CO
3-State Output Capacitance
—
—
15
—
15
pF
(1)
3.3V: min. is @ 3.6 V
(2)
5 V: min. is @ 5.5 V
(3)
CPD is used to determine the dynamic power consumption, per flip flop.
4.9 Prerequisite for Switching: ACT Series
SYMBOL
CHARACTERISTICS
VCC (V)
AMBIENT TEMPERATURE (TA) - °C
UNIT
-40 to +85
-55 to+125
MIN
MAX
MIN
MAX
tW
Clock Pulse Width
5(1)
3.9
—
4.5
—
ns
tSU
Setup Time Data to Clock
5
2
—
2
—
ns
tH
Hold Time Data to Clock
5
2.6
—
3
—
ns
fMAX
Maximum Clock Frequency
5
125
—
110
—
MHz
(1)
5 V: min. is @ 4.5 V
4.10 Switching Characteristics: ACT Series
over recommended operating free-air temperature range, ACT Series; tr, tl = 3 ns, CL = 50 pF (unless otherwise noted) (see
Load Circuit and Voltage Waveforms)
SYMBOL
CHARACTERISTICS
VCC (V)
AMBIENT TEMPERATURE (TA) - °C
UNIT
-40 to +85
-55 to +125
MIN
MAX
MIN
MAX
tPLH, tPHL
Propagation Delays: Clock to Q ACT374
5(1)
2.9
10.2
2.8
11.2
ns
tPLH, tPHL
Clock to Q ACT534
5
3
10.6
2.9
11.7
ns
tPLZ, tPHZ, tPZL, tPZH
Output Enable and Disable to Q ACT374
5
3.7
13.2
3.6
14.5
ns
www.ti.com
CD74AC374, CD54AC374, CD54ACT374, CD74ACT374, CD74AC534
SCHS290A – DECEMBER 1998 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CD74AC374 CD54AC374 CD54ACT374 CD74ACT374 CD74AC534



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com