Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC93M Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC93M
Description  CD74HC93, CD74HCT93 High-Speed CMOS Logic 4-Bit Binary Ripple Counter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC93M Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC93M Datasheet HTML 1Page - Texas Instruments CD74HC93M Datasheet HTML 2Page - Texas Instruments CD74HC93M Datasheet HTML 3Page - Texas Instruments CD74HC93M Datasheet HTML 4Page - Texas Instruments CD74HC93M Datasheet HTML 5Page - Texas Instruments CD74HC93M Datasheet HTML 6Page - Texas Instruments CD74HC93M Datasheet HTML 7Page - Texas Instruments CD74HC93M Datasheet HTML 8Page - Texas Instruments CD74HC93M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CD74HC93, CD74HCT93 High-Speed CMOS Logic 4-Bit Binary Ripple Counter
1 Features
• Can be configured to divide by 2, 8, and 16
• Asynchronous reset
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL loads
– Bus driver outputs: 15 LSTTL loads
• Wide operating temperature range: – 55°C to
125°C
• Balances propagation delay and transition times
• Signigicant power reduction compared to LSTTL
logic ICs
• HC types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility, VIL = 0.8
V (max), VIH = 2 V (min)
– CMOS input compatibility, II ≤ 1 µA at VOL, VOH
2 Description
The CD74HC93 and CD74HCT93 are high-speed
silicon-gate CMOS devices and are pin-compatible
with low power Schottky TTL (LSTTL). These 4-
bit binary ripple counters consist of four flip-flops
internally connected to provide a divide-by-two section
and a divide-by-eight section. Each section has
a separate clock input (CP0 and CP1) to initiate
state changes of the counter on the HIGH to LOW
clock transition. State changes of the Qn outputs do
not occur simultaneously because of internal ripple
delays. Therefore, decoded output signals are subject
to decoding spikes and should not be used for clocks
or strobes.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
CD74HC93M
SOIC (14)
8.65 mm × 3.90 mm
CD74HC93E
PDIP (14)
19.31 mm × 6.35 mm
CD74HCT93E
PDIP (14)
19.31 mm × 6.35 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
MR1
CP0
MR2
Shared control logic
D
Q
Q
R
D
Q
Q
R
D
Q
Q
R
D
Q
Q
R
Q0
CP1
Q1
Q2
Q3
R
R
R
Divide-by-two section
Divide-by-eight section
Functional Block Diagram
CD74HC93, CD74HCT93
SCHS138D – NOVEMBER 1998 – REVISED MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74HC93M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC93M TI-CD74HC93M Datasheet
48Kb / 7P
High Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93M TI-CD74HC93M Datasheet
202Kb / 10P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93M TI-CD74HC93M Datasheet
260Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93M TI-CD74HC93M Datasheet
381Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93M96 TI-CD74HC93M96 Datasheet
202Kb / 10P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
More results

Similar Description - CD74HC93M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC93 PHILIPS-74HC93 Datasheet
45Kb / 7P
4-bit binary ripple counter
December 1990
logo
Texas Instruments
CD74HC4024 TI-CD74HC4024 Datasheet
40Kb / 7P
High Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93 Datasheet
48Kb / 7P
High Speed CMOS Logic 4-Bit Binary Ripple Counter
CD54HC4024 TI-CD54HC4024 Datasheet
283Kb / 11P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_06 Datasheet
290Kb / 13P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93_06 Datasheet
202Kb / 10P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD74HC93 TI-CD74HC93_07 Datasheet
260Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_07 Datasheet
440Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD54HC4024 TI-CD54HC4024_08 Datasheet
470Kb / 15P
High-Speed CMOS Logic 7-Stage Binary Ripple Counter
CD74HC93 TI-CD74HC93_08 Datasheet
381Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Ripple Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com