Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC366 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HC366
Description  High Speed CMOS Logic Hex Buffer/Line Driver, Three-State Non-Inverting and Inverting
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC366 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC366 Datasheet HTML 2Page - Texas Instruments CD74HC366 Datasheet HTML 3Page - Texas Instruments CD74HC366 Datasheet HTML 4Page - Texas Instruments CD74HC366 Datasheet HTML 5Page - Texas Instruments CD74HC366 Datasheet HTML 6Page - Texas Instruments CD74HC366 Datasheet HTML 7Page - Texas Instruments CD74HC366 Datasheet HTML 8Page - Texas Instruments CD74HC366 Datasheet HTML 9Page - Texas Instruments CD74HC366 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
5.5 HCT Input Loading Table
Input
Unit Loads(1)
OE1
0.6
All others
0.55
(1)
Unit Load is ΔICC limit specified in Section 5.4, e.g., 360 µA max at 25℃.
5.6 Switching Characteristics
tr, tf = 6 ns
PARAMETER
TEST
CONDITIONS
VCC (V)
25
℃
40
℃ to 85℃
55
℃ to 125℃
UNIT
TYP
MAX
MAX
MAX
HC TYPES
tPLH, tPHL
Propagation delay, data to
outputs
HC/HCT 365
CL = 50 pF
2
105
130
160
ns
4.5
21
26
32
ns
6
18
22
27
ns
CL = 15 pF
5
8
ns
tPLH, tPHL
Propagation delay, data to
outputs
HC 366
CL = 50 pF
2
110
140
165
ns
4.5
22
28
33
ns
6
19
24
28
ns
CL = 15 pF
5
9
ns
tPLH, tPHL
Propagation delay time, output
enable and disable to outputs
CL = 50 pF
2
150
190
225
ns
4.5
30
38
45
ns
6
26
33
38
ns
CL = 15 pF
5
12
ns
tTLH, tTHL
Output transition time
CL = 50 pF
2
60
75
90
ns
4.5
12
15
18
ns
6
10
13
15
ns
CI
Input capacitance
10
10
10
pF
CO
Three-state ouput capacitance
20
20
20
pF
CPD
Power dissipation capacitance(1)
(2)
5
40
pF
HCT TYPES
tPLH, tPHL
Propagation delay, data to
outputs
HC/HCT 365
CL = 50 pF
4.5
25
31
38
ns
ns
CL = 15 pF
5
9
ns
ns
tPLH, tPHL
Propagation delay, data to
outputs
HC 366
CL = 50 pF
4.5
27
34
41
ns
CL = 15 pF
5
11
ns
tPLH, tPHL
Propagation delay time, output
enable and disable to ouputs
CL = 50 pF
4.5
35
44
53
ns
CL = 15 pF
5
14
ns
tTLH, tTHL
Output transition time
CL = 50 pF
4.5
12
15
18
ns
CIN
Input capacitance
10
10
10
pF
CO
Three-stage capacitance
20
20
20
pF
CPD
Power dissipation capacitance(1)
(2)
5
42
pF
(1)
CPD is used to determine the dynamic power consumption, per buffer.
(2)
PD = VCC 2 fi (CPD + CI) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
CD54HC365, CD74HC365, CD54HCT365
CD74HCT365, CD54HC366, CD74HC366
SCHS180D – NOVEMBER 1997 – REVISED JULY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC365 CD74HC365 CD54HCT365 CD74HCT365 CD54HC366 CD74HC366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com