Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWM-R30881XUAB Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # KWM-R30881XUAB
Description  3.0*3.0mm (1.2") 8×8 Super Amber Dot Matrix LED Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWM-R30881XUAB Datasheet(HTML) 2 Page - Lucky Light Electronic

  KWM-R30881XUAB Datasheet HTML 1Page - Lucky Light Electronic KWM-R30881XUAB Datasheet HTML 2Page - Lucky Light Electronic KWM-R30881XUAB Datasheet HTML 3Page - Lucky Light Electronic KWM-R30881XUAB Datasheet HTML 4Page - Lucky Light Electronic KWM-R30881XUAB Datasheet HTML 5Page - Lucky Light Electronic KWM-R30881XUAB Datasheet HTML 6Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Luckylight
Spec No: W12088A/B
Rev No: V.2
Date: Sep/08/2003
Page: 2 OF 6
Approved:JoJo
Checked:Sun
Drawn: Liu
Lucky Light Electronics Co., Ltd.
http://www.luckylightled.com
Features:
Descriptions:
Applications:
Device Selection Guide:
Model No.
Chip Material
Face Color
Descriptions
KWM-R30881AUAB
AlGaInP
Black
Row Anode
KWM-R30881CUAB
Black
Row Cathode
◇
1.2inch (31.7mm) Matrix height.
◇
Colors:Super Amber.
◇
Flat package and light weight.
◇
Easy assembly.
◇
High quality and low cost.
◇
High reliable and intensity.
◇
Low power requirement.
◇
The product itself will remain within RoHS compliant version.
◇
The KWM-R30881 series is a large emitting area (3.0*3.0mm ) LED sources
configured in a 64 dots 8*8 matrix array.
◇
These devices are made with white dots and black surface.
◇
Audio equipment.
◇
Instrument panels.
◇
Digitalreadout display.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com