Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R02A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH1R02A
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02A Datasheet(HTML) 2 Page - STMicroelectronics

  STTH1R02A Datasheet HTML 1Page - STMicroelectronics STTH1R02A Datasheet HTML 2Page - STMicroelectronics STTH1R02A Datasheet HTML 3Page - STMicroelectronics STTH1R02A Datasheet HTML 4Page - STMicroelectronics STTH1R02A Datasheet HTML 5Page - STMicroelectronics STTH1R02A Datasheet HTML 6Page - STMicroelectronics STTH1R02A Datasheet HTML 7Page - STMicroelectronics STTH1R02A Datasheet HTML 8Page - STMicroelectronics STTH1R02A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STTH1R02
2/10
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.68 x IF(AV) + 0.08 IF
2
(RMS)
Table 1.
Absolute ratings (limiting values at Tj = 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IFRM
Repetitive peak forward current
DO-41(1)
tp = 5 µs, F = 5 kHz
30
A
DO-15(1)
SMA / SMB
IF(RMS)
RMS forward current
DO-41 / DO-15
50
A
SMA /SMB
IF(AV)
Average forward current,
δ = 0.5
DO-41
Tlead = 110° C
1.5
A
DO-15
Tlead = 110° C
SMA
Tc = 110° C
SMB
Tc = 110° C
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
60
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
1.
On infinite heatsink with 10 mm lead length
Table 2.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
Lead Length = 10 mm on infinite heatsink
DO-41
45
°C/W
DO-15
45
Rth(j-c)
Junction to case
SMA
30
SMB
30
Table 3.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
3
µA
Tj = 125° C
2
20
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 4.5 A
1.2
V
Tj = 25° C
IF = 1.5 A
0.89
1
Tj = 100° C
0.76
0.85
Tj = 150° C
0.70
0.80
1.
Pulse test: tp = 5 ms, δ < 2 %
2.
Pulse test: tp = 380 µs, δ < 2 %



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com