Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWM-R30881CUYB Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # KWM-R30881CUYB
Description  3.0*3.0mm (1.2") 8×8 Super Yellow Dot Matrix LED Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KWM-R30881CUYB Datasheet(HTML) 2 Page - Lucky Light Electronic

  KWM-R30881CUYB Datasheet HTML 1Page - Lucky Light Electronic KWM-R30881CUYB Datasheet HTML 2Page - Lucky Light Electronic KWM-R30881CUYB Datasheet HTML 3Page - Lucky Light Electronic KWM-R30881CUYB Datasheet HTML 4Page - Lucky Light Electronic KWM-R30881CUYB Datasheet HTML 5Page - Lucky Light Electronic KWM-R30881CUYB Datasheet HTML 6Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Luckylight
Spec No: W12088A/B
Rev No: V.2
Date: Sep/08/2007
Page: 2 OF 6
Approved: JoJo
Checked: Sun
Drawn: Liu
Lucky Light Electronics Co., Ltd.
http://www.luckylightled.com
Features:
Descriptions:
Applications:
Device Selection Guide:
Model No.
Chip Material
Face Color
Descriptions
KWM-R30881AUYB
AlGaInP
Black
Row Anode
KWM-R30881CUYB
Black
Row Cathode
1.2inch (31.7mm) Matrix height.
Colors:Super Yellow.
Flat package and light weight.
Easy assembly.
High quality and low cost.
High reliable and intensity.
Low power requirement.
The product itself will remain within RoHS compliant version.
The KWM-R30881 series is a large emitting area (3.0*3.0mm ) LED sources
configured in a 64 dots 8*8 matrix array.
These devices are made with white dots and black surface.
Audio equipment.
Instrument panels.
Digital read out display.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com