Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R02Q Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTH1R02Q
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02Q Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTH1R02Q Datasheet HTML 2Page - STMicroelectronics STTH1R02Q Datasheet HTML 3Page - STMicroelectronics STTH1R02Q Datasheet HTML 4Page - STMicroelectronics STTH1R02Q Datasheet HTML 5Page - STMicroelectronics STTH1R02Q Datasheet HTML 6Page - STMicroelectronics STTH1R02Q Datasheet HTML 7Page - STMicroelectronics STTH1R02Q Datasheet HTML 8Page - STMicroelectronics STTH1R02Q Datasheet HTML 9Page - STMicroelectronics STTH1R02Q Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
STTH1R02
Ordering information
9/10
4
Ordering information
5
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
STTH1R02
STTH1R02
DO-41
0.34 g
2000
Ammopack
STTH1R02RL
STTH1R02
DO-41
0.34 g
5000
Tape and reel
STTH1R02A
R1A
SMA
0.068 g
5000
Tape and reel
STTH1R02Q
STTH1R02Q
DO-15
0.49 g
1000
Ammopack
STTH1R02QRL
STTH1R02Q
DO-15
0.49 g
6000
Tape and reel
STTH1R02U
1R2S
SMB
0.11 g
2500
Tape and reel
Date
Revision
Description of changes
03-May-2006
1
First issue
13-Oct-2006
2
Added DO-15 and SMB packages.
08-Mar-2007
3
Replaced Figure 8. Replaced ecu with copper thickness.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com