Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1R02QRL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH1R02QRL
Description  Ultrafast recovery diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R02QRL Datasheet(HTML) 5 Page - STMicroelectronics

  STTH1R02QRL Datasheet HTML 1Page - STMicroelectronics STTH1R02QRL Datasheet HTML 2Page - STMicroelectronics STTH1R02QRL Datasheet HTML 3Page - STMicroelectronics STTH1R02QRL Datasheet HTML 4Page - STMicroelectronics STTH1R02QRL Datasheet HTML 5Page - STMicroelectronics STTH1R02QRL Datasheet HTML 6Page - STMicroelectronics STTH1R02QRL Datasheet HTML 7Page - STMicroelectronics STTH1R02QRL Datasheet HTML 8Page - STMicroelectronics STTH1R02QRL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STTH1R02
Characteristics
5/10
Figure 11.
Peak reverse recovery curent
versus dIF/dt (typical values)
Figure 12.
Dynamic parameters versus
junction temperature
0
1
2
3
4
5
6
7
8
10
100
1000
I
RM(A)
I
F=1.5A
V
R=160V
T
j=125°C
T
j=25°C
dIF/dt(A/µs)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Q
RR;IRM [Tj]/ QRR;IRM [Tj=125°C]
I
RM
Q
RR
I
F=1.5A
V
R=160V
Tj(°C)
Figure 13.
Thermal resistance, junction to
ambient, versus copper surface
under each lead - SMA (Epoxy FR4,
copper thickness = 35 µm)
Figure 14.
Thermal resistance, junction to
ambient, versus copper surface
under each lead - SMB (Epoxy FR4,
copper thickness = 35 µm)
0
20
40
60
80
100
120
0
1
23
45
R
th(j-a) (°C/W)
SMA
SCU(cm²)
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a)(°C/W)
SMB
SCU(cm²)
Figure 15.
Thermal resistance, junction to
ambient, versus copper surface
under each lead - DO 15 (Epoxy
FR4, copper thickness = 35 µm)
Figure 16.
Thermal resistance, junction to
ambient, versus copper surface
under each lead - DO-41 (Epoxy
FR4, copper thickness = 35 µm)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a) (°C/W)
DO-15
SCU(cm²)
0
10
20
30
40
50
60
70
80
90
100
01
23
456
78
9
10
R
th(j-a)(°C/W)
DO-41
S(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com