Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JB5CS04AM00N-RK Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JB5CS04AM00N-RK
Description  Circular connector, IP68, Small size, waterproof, panel-to-cable, push-pull mating structure, solder type, 4 pos., Panel mount receptacle (Through-hole)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JB5CS04AM00N-RK Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JB5CS04AM00N-RK Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JB5CS04AM00N-RK Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. JB5CS04AM00N-RK Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JB5CS04AM00N-RK
Features
Circular connector, IP68, Small size, waterproof, panel-to-cable, push-pull mating structure, solder type, 4 pos., Panel mount
receptacle (Through-hole)
Part Number
JB5CS04AM00N-RK
Status
Active
Number of Positions
4 pos.
Contact Pitch (mm)
  
Rated Current (A)
3A / pos. max.
Rated Voltage (V)
320 VAC
Applicable Specifications
  
Waterproof/ Non-waterproof
IP68 (Mated, Unmated)
Applications
-
Connector Type
Panel mount receptacle (Through-hole)
Connector Style
  
Contact Type
Socket
Termination Style
Through-hole
Applicable Wire Size (AWG)
#24 max.
Applicable Shell Size
S
Coupling Style
Push- pull lock
Product Details


Similar Part No. - JB5CS04AM00N-RK

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JB5CS04AM00-RK JAE-JB5CS04AM00-RK Datasheet
101Kb / 3P
Circular connector, IP68, Small size, waterproof, panel-to-cable, push-pull mating structure, solder type, 4 pos., Panel mount receptacle (Through-hole)
More results

Similar Description - JB5CS04AM00N-RK

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-CR-03BFFA-L180-WP-R ASSMANN-A-CR-03BFFA-L180-WP-R Datasheet
266Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-03MMA-L180-WP-R ASSMANN-A-CR-03MMA-L180-WP-R Datasheet
252Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-03PMMP-LC-WP-R ASSMANN-A-CR-03PMMP-LC-WP-R Datasheet
261Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-04BFFA-L180-WP-R ASSMANN-A-CR-04BFFA-L180-WP-R Datasheet
252Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-04PMMP-LC-WP-R ASSMANN-A-CR-04PMMP-LC-WP-R Datasheet
271Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-05BFFA-L180-WP-R ASSMANN-A-CR-05BFFA-L180-WP-R Datasheet
264Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-05BMMA-L180-WP-R ASSMANN-A-CR-05BMMA-L180-WP-R Datasheet
253Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-05PMMP-LC-WP-R ASSMANN-A-CR-05PMMP-LC-WP-R Datasheet
269Kb / 1P
WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
logo
Kycon, Inc.
KUSB67X KYCON-KUSB67X Datasheet
828Kb / 1P
Push Pull IP67 Panel Mount
logo
Adam Technologies, Inc.
MMI-M0RSXXXS-IP68 ADAM-TECH-MMI-M0RSXXXS-IP68 Datasheet
128Kb / 1P
PUSH-PULL SOCKET, VERTICAL, SIZE 0, METAL BODY, FRONT PANEL MOUNT, SOLDER TERMINAL, IP68
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com