Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1460 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 1460
Description  NeoPixel Digital RGB LED Strip - Black 30 LED - BLACK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

1460 Datasheet(HTML) 2 Page - Adafruit Industries

  1460 Datasheet HTML 1Page - Adafruit Industries 1460 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
There are 30 RGB LEDs per meter, and you can control each LED individually! Yes, that's right, this
is the digitally-addressable type of LED strip. You can set the color of each LED's red, green and
blue component with 8-bit PWM precision (so 24-bit color per pixel). The LEDs are controlled by
shift-registers that are chained up down the strip so you can shorten or lengthen the strip. Only 1
digital output pin are required to send data down. The PWM is built into each LED-chip so once you
set the color you can stop talking to the strip and it will continue to PWM all the LEDs for you
The strip is made of flexible PCB material, and comes with a weatherproof sheathing. You can cut
this stuff pretty easily with wire cutters, there are cut-lines every 1.3"/3.4cm (1 LED each). Solder
to the 0.1" copper pads and you're good to go. Of course, you can also connect strips together to
make them longer, just watch how much current you need! We have a 5V/2A supply that should be
able to drive 1 meter and a 5V/10A supply that can drive up to 10 meters (depending on use) You
must use a 5V DC power supply to power these strips, do not use higher than 6V or you can
destroy the entire strip
As of May 21, 2014 these come in 5 meter reels with a 2 or 3‐pin JST SM connector on each end and 
separated power/ground wires. These strips are sold by the meter! If you buy 5 meters at a time, you'll get 
full reels with two connectors. If you buy less than 5m, you'll get a single strip, but it will be a cut piece 
from a reel which may or may not have a connector on it.
To wire up these strips we suggest picking up some JST SM plug and receptacle cables. You'll want
one of each, one wire is for ground the other is for signal. For the power wire, you will also
probably want a 2.1mm DC jack to wire in so you can connect one of our wall adapters to power it.
Our detailed NeoPixel Uberguide has everything you need to use NeoPixels in any shape and size. Including 
ready‐to‐go library & example code for the Arduino UNO/Duemilanove/Diecimila, Flora/Micro/Leonardo, 
Trinket/Gemma, Arduino Due & Arduino Mega/ADK (all versions)
Technical Details
Technical specs:
12.5mm (0.5") wide , 4mm (0.16") thick with casing on, 1.85mm (0.07") thick without casing,
33mm (1.3") long per segment
30 LEDs per meter
Removable IP65 weatherproof casing
Maximum 5V @ 60mA draw per 1.3" strip segment (all LEDs on full brightness)
5VDC power requirement (do not exceed 6VDC) - no polarity protection
1 integrated RGB LEDs per segment, individually controllable
LED wavelengths: 630nm/530nm/475nm
Connector: 2‐pin JST SM
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com