Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTL-RAS Datasheet(PDF) 1 Page - Multicomp Pro

Part # KTL-RAS
Description  Round TACT Caps Keyboard Switches and Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

KTL-RAS Datasheet(HTML) 1 Page - Multicomp Pro

  KTL-RAS Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
26/08/20
Round TACT Caps
Keyboard Switches and Accessories
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Dimensions : Millimetres
Diagram
Tolerances : ±0.3mm
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Specification Table
Colour
Part Number
Cap
KeyTop
Clear
Yellow
KTL-RAY
Blue
KTL-RAB
Red
KTL-RAR
Ivory
KTL-RAI
Black
KTL-RAK
Green
KTL-RAG
Salmon
KTL-RAS


Similar Part No. - KTL-RAS

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
KTL-SAB MULTICOMP-KTL-SAB Datasheet
202Kb / 1P
Square TACT Caps
15/12/20 V1.0
KTL-SAG MULTICOMP-KTL-SAG Datasheet
202Kb / 1P
Square TACT Caps
15/12/20 V1.0
KTL-SAI MULTICOMP-KTL-SAI Datasheet
202Kb / 1P
Square TACT Caps
15/12/20 V1.0
KTL-SAK MULTICOMP-KTL-SAK Datasheet
202Kb / 1P
Square TACT Caps
15/12/20 V1.0
KTL-SAR MULTICOMP-KTL-SAR Datasheet
202Kb / 1P
Square TACT Caps
15/12/20 V1.0
More results

Similar Description - KTL-RAS

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
Tact switches
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
TACT SWITCHES
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
TACT SWITCHES
logo
List of Unclassifed Man...
KTSC-22Y ETC2-KTSC-22Y Datasheet
153Kb / 3P
Caps for MCDTS2 Series Keyboard Switches and Accessories
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
TACT SWITCHES
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
TACT SWITCHES
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
TACT SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com