Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM0912-080 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AM0912-080
Description  AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM0912-080 Datasheet(HTML) 1 Page - STMicroelectronics

  AM0912-080 Datasheet HTML 1Page - STMicroelectronics AM0912-080 Datasheet HTML 2Page - STMicroelectronics AM0912-080 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
September 1992
AVIONICS APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x .400 2NLFL (S042)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
LOW THERMAL RESISTANCE
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 90 W MIN. WITH 13 dB GAIN
.
BANDWIDTH 225 MHz
DESCRIPTION
The AM0912-080 Avionics power transistor is a
broadband, high peak pulse power device speci-
fically designed for avionics applications requiring
broad bandwidth with moderate duty cycle and
pulse width constraints such as ground/ship based
DME/TACAN.
This device is also designed for specialized ap-
plications including JTIDS where reduced power
provided under pulse formats utilizing short pulse
widths and high burst or overall duty cycles.
The AM0 912-08 0 is ho used in the unique
AMPAC™ Hermetic Metal/Ceramic package with
internal Input/Output matching structures.
PIN CONNECTION
BRANDING
0912-80
ORDER CODE
AM0912-080
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation*
(TC
≤100˚C)
220
W
IC
Device Current*
7.0
A
VCC
Collector-Supply Voltage*
50
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
0.80
°C/W
*Applies only to rated RF amplifier operation
AM0912-080
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/3


Similar Part No. - AM0912-080

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AM0912-080 ASI-AM0912-080 Datasheet
101Kb / 2P
RF POWER TRANSISTOR
REV. B
More results

Similar Description - AM0912-080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com