Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

081069 Datasheet(PDF) 4 Page - Sharpie

Part # 081069
Description  Catalogue 2009
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARPIE [Sharpie]
Direct Link  https://www.sharpie.com/
Logo SHARPIE - Sharpie

081069 Datasheet(HTML) 4 Page - Sharpie

  081069 Datasheet HTML 1Page - Sharpie 081069 Datasheet HTML 2Page - Sharpie 081069 Datasheet HTML 3Page - Sharpie 081069 Datasheet HTML 4Page - Sharpie  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
PROFESSIONAL
PROFESSIONAL
FLIP CHART
FLIP CHART
6
LAUNDRY
LAUNDRY
CD-DVD
CD-DVD
METALLIC
METALLIC
350117
081132 0
S0811320
12 l
350117
081133 7
S0811330
12 l
350117
081134 4
S0811340
12 l
350117
081135 1
S0811350
12 l
350117
081136 8
S0811360
4
➤llll
350117
081464 2
S0814640
8
➤l
2 llllll
350117
081075 0
S0810750
12 l
350117
081076 7
S0810760
12 l
350117
081077 4
S0810770
12 l
350117
081078 1
S0810780
2
l
350117
081063 7
S0810630
1
l
350117
081064 4
S0810640
1
l
12 Blisters X 1
350117
081546 5
S0815460
1
l
350117
081547 2
S0815470
1
l
12 Blisters X 1
350117
081069 9
S0810690
2
l
350117
081070 5
S0810700
4
➤llll
350117
081071 2
S0810710
2
l
12 Blisters X 2
INK COLOURS
l l l
CHISEL 5.3 MM
SHARPIE® PROFESSIONAL permanent marker
can be used on technical surfaces including
wet, oily, abrasive and non-porous surfaces.
• Durable extra resilient tip avoids abrasion
• Practical shape : does not roll off flat surfaces
• Non-slip barrel : makes cap easy to remove even
when you are wearing gloves
• Restricted to professional users
INK COLOURS
l l l l
BULLET 1.9 MM
l l l
SHARPIE® FLIP CHART permanent marker is
dedicated to mark bright ideas on paper.
• Water based ink which does not bleed throught flip chart paper
• Non-squeak tip
• Low odour formula perfect for office or classroom
• Fun and bright colour range available
Speciality
Markers
Some products and colours may not be available in all
countries. Please contact your customer service department.
TUCK
BOX
write out loud !®
TUCK
BLISTER
Some products and colours may not be available in all
countries. Please contact your customer service department.
BULLET
CHISEL
Markers
Some products and colours may not be available in all
countries. Please contact your customer service department.
Some products and colours may not be available in all
countries. Please contact your customer service department.
Some products and colours may not be available in all
countries. Please contact your customer service department.
BLISTER
CLIP STRIP
12 Blisters X 1
BLISTER
CLIP STRIP
12 Blisters X 1
BLISTER
CLIP STRIP
12 Blisters X 2
SHARPIE® LAUNDRY permanently marks on
most fabrics. Great for marking clothing, gear,
bedding and more !
• Wash resistant
• Resilient tip facilitates writing on fabrics
• Tough polypropylene barrel
INK COLOUR
l
FINE 1.0 MM
SHARPIE® CD/DVD permanent marker is
ideal for marking and personalising CDs and
DVDs and mini-disks with both Ultra Fine and
Fine tips.
• Tip specially designed to write on CDs & DVDs
writing surfaces
• Tough polypropylene barrel prevents ink evaporation
INK COLOURS
l l l l
FINE 1.0 MM
ULTRA FINE 0.5 MM
SHARPIE® METALLIC permanently marks on
most light and dark surfaces in a shiny and
elegant way.
• Simple to use - non-valve action marker
• Opaque metallic silver ink
INK COLOUR
l
FINE 1.0 MM
FINE
ULTRA-FINE
FINE
write out loud !®
FINE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com