Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S09 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST1S09
Description  2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST1S09 Datasheet HTML 2Page - STMicroelectronics ST1S09 Datasheet HTML 3Page - STMicroelectronics ST1S09 Datasheet HTML 4Page - STMicroelectronics ST1S09 Datasheet HTML 5Page - STMicroelectronics ST1S09 Datasheet HTML 6Page - STMicroelectronics ST1S09 Datasheet HTML 7Page - STMicroelectronics ST1S09 Datasheet HTML 8Page - STMicroelectronics ST1S09 Datasheet HTML 9Page - STMicroelectronics ST1S09 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
ST1S09
6/18
4
Electrical characteristics
Note:
1
Guaranteed by design, but not tested in production.
Table 6.
Electrical characteristics for ST1S09PU Refer to Figure 21. application circuit
VIN_SW = VIN_A = 5V, VO = 1.2V, C1 = 4.7µF, C2 = 22µF, L1 = 2.7µH, TJ = -30 to 125°C
(unless otherwise specified. Typical values are referred to 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FB
Feedback voltage
784
800
816
mV
IFB
VFB pin bias current
600
nA
VI
Input voltage
IO = 10mA to 2A
4.5
5.5
V
UVLO
Under voltage lock out threshold
VI Rising
3.5
3.7
3.9
V
Hysteresis
150
mV
OVP
Over voltage protection
threshold
VO rising
1.05 VO 1.1 VO
V
Over voltage protection
hysteresis
VO falling
5
%
IOVP
Overvoltage clamping current
VO = 1.2V
300
mA
IQ
Quiescent current
Not switching
1.5
2.5
mA
IO
Output current
VI = 4.5 to 5.5V Note: 1
2A
%VO/ΔVI
Output line regulation
VI = 4.5V to 5.5V, IO = 100mA
Note: 1
0.16
%VO/
ΔVI
%VO/ΔIO
Output load regulation
IO = 10mA to 2A Note: 1
0.2
0.6
%
PWMfS
PWM switching frequency
VFB = 0.65V
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
80
87
%
Power good output threshold
0.92 VO
V
Power good output voltage low
ISINK = 6mA open drain output
0.4
V
RDSON-N NMOS switch on resistance
ISW = 750 mA
0.1
Ω
RDSON-P PMOS switch on resistance
ISW = 750 mA
0.1
Ω
ISWL
Switching current limitation
Note: 1
2.5
2.9
3.5
A
ν
Efficiency Note: 1
IO = 10mA to 100mA, VO = 3.3V
65
%
IO = 100mA to 2A, VO = 3.3V
82
87
TSHDN
Thermal shutdown
150
°C
THYS
Thermal shutdown hysteresis
20
°C
%VO/ΔIO
Load transient response
IO = 100mA to 1A, TA = 25°C
tR = tF ≥ 200ns, Note: 1
-10
+10
%VO
%VO/ΔIO
Short circuit removal response
IO = 10mA to IO = short,
TA = 25°C Note: 1
-10
+10
%VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com