Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S09APU Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1S09APU
Description  2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09APU Datasheet(HTML) 5 Page - STMicroelectronics

  ST1S09APU Datasheet HTML 1Page - STMicroelectronics ST1S09APU Datasheet HTML 2Page - STMicroelectronics ST1S09APU Datasheet HTML 3Page - STMicroelectronics ST1S09APU Datasheet HTML 4Page - STMicroelectronics ST1S09APU Datasheet HTML 5Page - STMicroelectronics ST1S09APU Datasheet HTML 6Page - STMicroelectronics ST1S09APU Datasheet HTML 7Page - STMicroelectronics ST1S09APU Datasheet HTML 8Page - STMicroelectronics ST1S09APU Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ST1S09
Maximum ratings
5/18
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN_SW
Positive power supply voltage
-0.3 to 7
V
VIN_A
Positive power supply voltage
-0.3 to 7
V
VINH
Inhibit voltage (I version)
-0.3 to VI + 0.3
V
SWITCH Voltage
Max. voltage of output pin
-0.3 to 7
V
VFB
Feedback voltage
-0.3 to 3
V
PG
Power Good open drain
-0.3 to 7
V
TJ
Max junction temperature
-40 to 150
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (soldering) 10 sec
260
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
10
°C/W
RthJA
Thermal resistance junction-ambient
55
°C/W
Table 5.
ESD Performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM
2
KV
ESD
ESD protection voltage
MM
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com