Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2058EX Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA2058EX
Description  Teseo GPS Platform high-sensitivity baseband
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2058EX Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA2058EX Datasheet HTML 11Page - STMicroelectronics STA2058EX Datasheet HTML 12Page - STMicroelectronics STA2058EX Datasheet HTML 13Page - STMicroelectronics STA2058EX Datasheet HTML 14Page - STMicroelectronics STA2058EX Datasheet HTML 15Page - STMicroelectronics STA2058EX Datasheet HTML 16Page - STMicroelectronics STA2058EX Datasheet HTML 17Page - STMicroelectronics STA2058EX Datasheet HTML 18Page - STMicroelectronics STA2058EX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
STA2058
Electrical characteristic
15/20
4.7
PLL electrical characteristics
V33=3.3 ± 10%, V33IOPLL=3.3 ± 10%, TA = -40 / 85 °C unless otherwise specified.
4.8
LVD electrical characteristics
V33=3.3 ± 10%, TA = -40 / 85 °C unless otherwise specified.
ZIN
Input impedance
FMod = 2 MHz
1
M
Ω
CIN
Input capacitance
5
pF
IADC
Power consumption
TA=27 °C
2.5
3.0
mA
ISTBY
Standby power consumption
TA=27 °C
1
µA
Table 11.
ADC electrical characteristics (continued)
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
Table 12.
PLL electrical characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
TPLL1
PLL reference clock
FREF_RANGE=0
1.5
3.0
MHz
TPLL2
PLL reference clock
FREF_RANGE=1
MX[1:0]=’00’ or ‘01’
3.0
8.25
MHz
TPLL3
PLL reference clock
FREF_RANGE=1
MX[1:0]=’10’ or ‘11’
3.0
6
MHz
TLOCK
PLL lock time
FREF_RANGE=0
Stable Input Clock
Stable V33IOPLL, V18
300
µs
TLOCK
PLL lock time
FREF_RANGE=1
Stable Input Clock
Stable V33IOPLL, V18
600
µs
ΔT
JITTER
PLL jitter (peak to peak)
TPLL = 4 MHz, MX[1:0]=’11’
Global Output division=32
(Output Clock=2 MHz)
0.7
2
ns
Table 13.
LVD electrical characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
TLVD
LVD Threshold
Main and LP LVD’s
1.3
V
ΔVVLPREG - T
LVD
Main regulator off
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com