Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S09IPU Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST1S09IPU
Description  2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S09IPU Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST1S09IPU Datasheet HTML 10Page - STMicroelectronics ST1S09IPU Datasheet HTML 11Page - STMicroelectronics ST1S09IPU Datasheet HTML 12Page - STMicroelectronics ST1S09IPU Datasheet HTML 13Page - STMicroelectronics ST1S09IPU Datasheet HTML 14Page - STMicroelectronics ST1S09IPU Datasheet HTML 15Page - STMicroelectronics ST1S09IPU Datasheet HTML 16Page - STMicroelectronics ST1S09IPU Datasheet HTML 17Page - STMicroelectronics ST1S09IPU Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package mechanical data
ST1S09
14/18
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.801.00
0.0310.039
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.23
0.45
0.009
0.018
D2.90
3.00
3.10
0.114
0.118
0.122
D2
2.23
2.50
0.088
0.098
E2.90
3.00
3.10
0.114
0.118
0.122
E2
1.50
1.75
0.059
0.069
e0.950.037
L0.30
0.40
0.50
0.012
0.016
0.020
DFN6D (3x3) Mechanical Data
7946637B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com