Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC15701/2 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC15701/2
Description  Advanced Voltage Mode Pulse Width Modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC15701/2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC15701/2 Datasheet HTML 2Page - Texas Instruments UCC15701/2 Datasheet HTML 3Page - Texas Instruments UCC15701/2 Datasheet HTML 4Page - Texas Instruments UCC15701/2 Datasheet HTML 5Page - Texas Instruments UCC15701/2 Datasheet HTML 6Page - Texas Instruments UCC15701/2 Datasheet HTML 7Page - Texas Instruments UCC15701/2 Datasheet HTML 8Page - Texas Instruments UCC15701/2 Datasheet HTML 9Page - Texas Instruments UCC15701/2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
UCC15701/2
UCC25701/2
UCC35701/2
Output Inhibit
During normal operation, OUT is driven high at the start
of a clock period and is driven low by voltages on CT, FB
or VSCLAMP.
The following conditions cause the output to be immedi-
ately driven low until a clock period starts where none of
the conditions are true:
1. ILIM > 0.2V
2. FB or SS is less than 0.8V
Current Limiting
ILIM is monitored by two internal comparators. The cur-
rent limit comparator threshold is 0.2V. If the current limit
comparator is triggered, OUT is immediately driven low
and held low for the remainder of the clock cycle, provid-
ing pulse-by-pulse over-current control for excessive
loads. This comparator also causes CF to be charged for
the remainder of the clock cycle.
If repetitive cycles are terminated by the current limit
comparator causing COUNT to rise above 4V, the shut-
down latch is set. The COUNT integration delay feature
will be bypassed by the shutdown comparator which has
a 0.6V threshold. The shutdown comparator immediately
sets the shutdown latch. RF in parallel with CF resets the
COUNT integrator following transient faults. RF must be
greater than (4
· R4) · (1–DMAX).
Latched Shutdown
If ILIM rises above 0.6V, or COUNT rises to 4V, the shut-
down latch will be set. This will force OUT low, discharge
SS and COUNT, and reduce IDD to approximately
750
mA. When, and if, VDD falls below the UVLO stop
threshold, the shutdown latch will reset and IDD will fall
to 130
mA, allowing the circuit to restart. If VDD remains
above the UVLO stop threshold (within the UVLO band),
an alternate restart will occur if VFF is momentarily re-
duced below 1V. External shutdown commands from any
source may be added into either the COUNT or ILIM
pins.
Voltage Feedforward
The voltage slope on CT is proportional to line voltage
over a 4:1 range and equals 2
·VFF (RT·CT). The capac-
itor charging current is set by the voltage across RT.
V(RT) tracks VFF over a range of 0.8V to 3.2V. A chang-
ing line voltage will immediately change the slope of
V(CT), changing the pulse width in a proportional manner
without using the feedback loop, providing excellent dy-
namic line regulation.
VFF is intended to operate accurately over a 4:1 range
between 0.8V and 3.2V. Voltages at VFF below 0.6V or
above 4.0V will initiate a soft stop cycle and a chip restart
when the under/over voltage condition is removed.
Volt-Second Clamp
A constant volt-second clamp is formed by comparing the
timing capacitor ramp voltage to a fixed voltage derived
from the reference. Resistors R4 and R5 set the
volt-second limit. For a volt-second product defined as
VIN
tON(max), the required voltage at VSCLAMP is:
()
()
R
RR
Vt
RC
IN
ON
TT
2
12
+
æ
è
ç
ö
ø
÷ ··
·
max
.
The duty cycle limit is then:
V
V
VS CLAMP
VFF
,or
V
V
R
RR
VS CLAMP
IN ·
+
æ
è
ç
ö
ø
÷
2
12
.
The
maximum
duty
cycle
is
realized
when
the
feedforward voltage is set at the low end of the operating
range (VFF = 0.8V).
The absolute maximum duty cycle is:
D
VV
R
RR
MAX
VS CLAMP
REF
==
·
+
08
08
5
45
..
Frequency Set
The frequency is set by a resistor from RT to ground and
a capacitor from CT to ground. The frequency is approxi-
mately:
F
RC
TT
=
·
2
()
External synchronization is via the SYNC pin. The pin
has a 1.5V threshold , making it compatible with 5V and
3.3V CMOS logic. The input is level sensitive, with a high
input forcing the oscillator ramp low and the output low.
An active pull down on the SYNC pin allows it to be un-
connected when not used.
Gate Drive Output
The UCC35701/2 is capable of a 1A peak output current.
Bypass with at least 0.1
mF directly to PGND. The capac-
itor must have a low equivalent series resistance and in-
ductance. The connection from OUT to the power
MOSFET gate should have a 2
W or greater damping re-
sistor and the distance between chip and MOSFET
should be minimized. A low impedance path must be es-
tablished between the MOSFET source (or ground side
of the current sense resistor), the VDD capacitor and
PGND. PGND should then be connected by a single path
(shown as RGND) to GND.
APPLICATION INFORMATION (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com