Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1112IKCS Datasheet(PDF) 6 Page - STMicroelectronics

Part # TLV1112IKCS
Description  1.2-V, 0.8-A LOW-DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV1112IKCS Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TLV1112IKCS Datasheet HTML 2Page - STMicroelectronics TLV1112IKCS Datasheet HTML 3Page - STMicroelectronics TLV1112IKCS Datasheet HTML 4Page - STMicroelectronics TLV1112IKCS Datasheet HTML 5Page - STMicroelectronics TLV1112IKCS Datasheet HTML 6Page - STMicroelectronics TLV1112IKCS Datasheet HTML 7Page - STMicroelectronics TLV1112IKCS Datasheet HTML 8Page - STMicroelectronics TLV1112IKCS Datasheet HTML 9Page - STMicroelectronics TLV1112IKCS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TLV1112
1.2V, 0.8A LOW DROPOUT VOLTAGE REGULATOR
SLVS562B – DECEMBER 2004 – REVISED APRIL 2005
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
10
µF
(see Note B)
100
µF
(see Note A)
INPUT
OUTPUT
GND
TLV1112
VO
VI
1N4002 (See Note C)
NOTES: A. Output capacitor selection is critical for regulator stability. The recommended minimum is 10-
µF tantalum or 50-µF aluminum
electrolytic, with either one having an ESR between the range of 0.3
Ω to 22 Ω. Larger COUT values benefit the regulator by
improving transient response and loop stability.
B. CIN is recommended if TLV1112 is not located near the power-supply filter.
C. An external diode is recommended to protect the regulator if the input instantaneously is shorted to GND.
Figure 9. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com