Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W83391TS Datasheet(PDF) 8 Page - Winbond

Part # W83391TS
Description  DC Fan Pre-Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83391TS Datasheet(HTML) 8 Page - Winbond

  W83391TS Datasheet HTML 1Page - Winbond W83391TS Datasheet HTML 2Page - Winbond W83391TS Datasheet HTML 3Page - Winbond W83391TS Datasheet HTML 4Page - Winbond W83391TS Datasheet HTML 5Page - Winbond W83391TS Datasheet HTML 6Page - Winbond W83391TS Datasheet HTML 7Page - Winbond W83391TS Datasheet HTML 8Page - Winbond W83391TS Datasheet HTML 9Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
W83391TS/TG
Publication Date: January 27, 2006
-5-
Revision 0.53
8. ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
PRODUCTION FLOW
W83391TS
14PIN SOP
Commercial, 0
°C to +70°C
W83391TG
14PIN SOP(Pb-free package)
Commercial, 0
°C to +70°C
9. HOW TO READ THE TOP MARKING
W83391TS
212345678
249OB
W83391TG
212345678
249OB
Left line: Winbond logo
1
st line: W83391TS, W83391TG – the part number
2
nd line: Chip lot no
3
rd line: Tracking code 249 O A
249: packages assembled in Year 02’, week 49
O: assembly house ID; O means OSE, G means GR, etc.
B: the IC version



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com