Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1011-070 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM1011-070
Description  RF & MICROWAVE TRANSISTORS L-BAND AVIONICS APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1011-070 Datasheet(HTML) 3 Page - STMicroelectronics

  AM1011-070 Datasheet HTML 1Page - STMicroelectronics AM1011-070 Datasheet HTML 2Page - STMicroelectronics AM1011-070 Datasheet HTML 3Page - STMicroelectronics AM1011-070 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
All dimensions are in inches.
Substrate material: .025 thick AI2O3
C1
: 0.3—3.5 pF Johanson Gigatrim Capacitor
C2
: 0.3—3.5 pF Johanson Gigatrim Capacitor
C3
: 100 pF Chip Capacitor
C4
: 1500 pF Erie Feedthru, or Equiv.
C5
: 100 MF Electrolytic Capacitor, 50V
C6
: 1500 pF Erie Feedthrough, or Equiv.
L1
: #32 Wire, 4 Turn .062 I.D.
L2
: #32 Wire, 4 Turn .062 I.D.
RBE
: 0 — 1.0 Ohm
Ref. Dwg. No. J313119
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 15 W
VCC
= 28 V
Normalized to 50 ohms
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 1025 MHz
4.7 + j 4.7
3.6 + j 4.3
H
= 1090 MHz
4.7 + j 3.9
3.3 + j 4.4
AM1011-070
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com