Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2176 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2176
Description  5mm Chromed Metal Narrow Bevel LED Holder - Pack of 5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2176 Datasheet(HTML) 2 Page - Adafruit Industries

  2176 Datasheet HTML 1Page - Adafruit Industries 2176 Datasheet HTML 2Page - Adafruit Industries 2176 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
DESCRIPTION
Keep your 5mm LEDs in place with these chromed metal LED holders. These are
handy for projects using individual LEDs as they look sleek, and your LED won't
budge. Slot the LED through the opening, cork it with the plastic end, and screw on
the washer for a secure grip.
We have LED holders in a bevy of sizes:
• 10mm (plastic, beveled)
• 8mm (plastic, wide beveled)
• 8mm (chromed metal, wide beveled)
• 5mm (chromed metal, wide convex beveled)
• 5mm (chromed metal, wide concave beveled)
• 5mm (plastic, beveled)
• 5mm (plastic, flat)
• 3mm (plastic, beveled)
Comes as a pack of 5, and no LEDs are included.
10/5/2015
http://www.adafruit.com/products/2176



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com