Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2177 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2177
Description  5mm Chromed Metal Wide Convex Bevel LED Holder - Pack of 5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2177 Datasheet(HTML) 2 Page - Adafruit Industries

  2177 Datasheet HTML 1Page - Adafruit Industries 2177 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
We have LED holders in a bevy of sizes:
o
10mm (plastic, beveled)
o
8mm (plastic, wide beveled)
o
8mm (chromed metal, wide beveled)
o
5mm (chromed metal, narrow beveled)
o
5mm (chromed metal, wide concave beveled)
o
5mm (plastic, beveled)
o
5mm (plastic, flat)
o
3mm (plastic, beveled)
Comes as a pack of 5, and no LEDs are included.
And be sure to check out our extensive LEDs category!
Technical Details
o
Outer Diameter: 6.5mm
o
Outer Beveled Diameter: 10mm
o
Length: 15mm
o
Weight (one, assembled): 4g
                                  Engineered in NYC Adafruit ® https://www.adafruit.com/product/2177 5‐5‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com