Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2276 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2276
Description  64x32 RGB LED Matrix - 6mm pitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2276 Datasheet(HTML) 2 Page - Adafruit Industries

  2276 Datasheet HTML 1Page - Adafruit Industries 2276 Datasheet HTML 2Page - Adafruit Industries 2276 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Comes with:
•
A single 64x32 RGB panel
•
An IDC cable
•
A plug in power cable
Keep in mind that these displays are designed to be driven by FPGAs or other high speed
processors: they do not have built in PWM control of any kind. Instead, you're supposed to
redraw the screen over and over to 'manually' PWM the whole thing. On a 16 MHz Arduino
Mega, we managed to squeeze 12-bit color (4096 colors) with 40% CPU usage but this display
would really shine if driven by any FPGA, CPLD, Propeller, XMOS or other high speed multi-
core controller. The good news is that the display is pre-white balanced with nice uniformity so
if you turn on all the LEDs it's not a particularly tinted white.
Of course, we wouldn't leave you with a datasheet and a "good luck!" We have a full wiring
diagrams and working Arduino library code with examples from drawing pixels, lines,
rectangles, circles and text. You'll get your color blasting within the hour! On an Arduino, you'll
need 16 digital pins, and about 3200 bytes of RAM to buffer the 12-bit color image.
Please note:
•
The back of the matrix will either be green or black
•
This product may come with one or two power connections
•
There may be a short coupling data cable installed in the center
Note: Shipping weight reflects UPS' new dimensional weight regulations.
TECHNICAL DETAILS
•
Dimensions: 385mm x 190mm x 13mm / 15.2” x 7.5” x 0.5”
•
Panel weight with IDC cables and power cables: 544.31g
•
5V regulated power input, 4A max (with all LEDs on)
•
Compatible with M3 mounting screws
•
5V logic level
•
1/16 scan rate
•
Indoor display, 160 degree visibility
•
Displays are 'chainable'
Revision History:
•
As of December 2, 2020, we no longer include mounting screws or magnets.
•
CAD Drawing
•
Datasheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com