Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC602LP4E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC602LP4E
Description  70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC602LP4E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC602LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC602LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC602LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC602LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC602LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC602LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC602LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC602LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC602LP4E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
8
8 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Application & Evaluation PCB Schematic
Notes
Note 1: The HMC602LP4 & HMC602LP4E evaluation boards are pre-assembled for single-ended input, and detector/RSSI mode.
Note 2: For detector mode, connect high impedance volt meter to the LOGOUT port, and make no connection to VSET. LOGOUT
is shorted to VSET by R9, as required for detector mode.
Note 3: For controller mode, remove R9 and install 0 ohm resistor (R11), then make appropriate connection to LOGOUT and VSET.
In controller mode, the LOGOUT output can be used to drive a variable gain amplifier, or a variable attenuator, either
directly or through a buffer or microcontroller. VSET should be connected to an external supply, typically between +0.6
and +1.9V.
Note 4: Terminal CPB must be connected to ground for proper operation.
HMC602LP4 / 602LP4E
v01.0407
70 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 8000 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com