Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB202 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS9DB202
Description  PCI EXPRESS JITTER ATTENUATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DB202 Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS9DB202_06 Datasheet HTML 1Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 2Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 3Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 4Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 5Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 6Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 7Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 8Page - Integrated Device Technology ICS9DB202_06 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IDT™ / ICS™ PCI EXPRESS JITTER ATTENUATOR
2
ICS9DB202CG REV B JULY 14, 2006
ICS9DB202
PCI EXPRESS JITTER ATTENUATOR
TABLE 2. PIN CHARACTERISTICS
TABLE 3A. RATIO OF OUTPUT FREQUENCY TO
INPUT FREQUENCY FUNCTION TABLE, FS0
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
s
t
u
p
n
Is
t
u
p
t
u
O
0
S
F0
X
E
I
C
P
04
/
5
11
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1W
B
_
L
L
Pt
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
h
t
d
i
w
d
n
a
B
L
L
P
s
t
c
e
l
e
S
2K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
3K
L
C
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
D
D
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
40
S
Ft
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
6
1
,
2
1
,
9
,
5V
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
r
o
C
5
1
,
6D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
8
,
7
,
0
T
X
E
I
C
P
0
C
X
E
I
C
P
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
S
C
H
.
s
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
1
1
,
0
11
E
O
n
,
0
E
O
nt
u
p
n
In
w
o
d
ll
u
P
.
e
t
a
t
s
Z
i
H
o
t
s
t
u
p
t
u
o
s
e
c
r
o
f
,
H
G
I
H
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
s
e
l
b
a
n
e
,
W
O
L
n
e
h
W
4
1
,
3
1
,
1
C
X
E
I
C
P
1
T
X
E
I
C
P
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
S
C
H
.
s
r
i
a
p
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
7
11
S
Ft
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
8
1F
E
R
It
u
p
n
I
5
7
4
(
r
o
t
s
i
s
e
r
n
o
i
s
i
c
e
r
p
d
e
x
i
f
A
Ω
a
s
e
d
i
v
o
r
p
d
n
u
o
r
g
o
t
n
i
p
s
i
h
t
m
o
r
f
)
.
s
t
u
p
t
u
o
k
c
o
l
c
X
E
I
C
P
e
d
o
m
-
t
n
e
r
r
u
c
l
a
i
t
n
e
r
e
f
f
i
d
r
o
f
d
e
s
u
t
n
e
r
r
u
c
e
c
n
e
r
e
f
e
r
9
1S
S
A
P
Y
Br
e
w
o
Pn
w
o
d
ll
u
P
.
e
d
o
m
L
L
P
,
W
O
L
n
e
h
w
,
e
d
o
m
s
s
a
p
y
b
.
H
G
I
H
n
e
h
W
.
n
i
p
S
S
A
P
Y
B
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
0
2V
A
D
D
r
e
w
o
P4
2
s
e
r
i
u
q
e
R
.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
Ω
.
r
o
t
s
i
s
e
r
s
e
i
r
e
s
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
TABLE 3B. RATIO OF OUTPUT FREQUENCY TO
INPUT FREQUENCY FUNCTION TABLE, FS1
s
t
u
p
n
Is
t
u
p
t
u
O
1
S
F1
X
E
I
C
P
01
14
/
5
TABLE 3D. OUTPUT ENABLE
FUNCTION TABLE, NOE0
s
t
u
p
n
Is
t
u
p
t
u
O
0
E
O
n0
X
E
I
C
P
0d
e
l
b
a
n
E
1Z
i
H
TABLE 3E. OUTPUT ENABLE
FUNCTION TABLE, NOE1
s
t
u
p
n
Is
t
u
p
t
u
O
1
E
O
n1
X
E
I
C
P
0d
e
l
b
a
n
E
1Z
i
H
TABLE 3F. PLL BANDWIDTH TABLE
s
t
u
p
n
I
h
t
d
i
w
d
n
a
B
W
B
_
L
L
P
0z
H
k
0
0
5
1z
H
M
1
TABLE 3C. BYPASS TABLE
s
t
u
p
n
I
e
d
o
M
S
S
A
P
Y
B
0e
d
o
M
L
L
P
1
e
d
o
M
s
s
a
p
y
B
)
s
t
u
p
n
i
=
t
u
p
t
u
o
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com