Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB202CGT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS9DB202CGT
Description  PCI EXPRESS JITTER ATTENUATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DB202CGT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS9DB202CGT Datasheet HTML 3Page - Integrated Device Technology ICS9DB202CGT Datasheet HTML 4Page - Integrated Device Technology ICS9DB202CGT Datasheet HTML 5Page - Integrated Device Technology ICS9DB202CGT Datasheet HTML 6Page - Integrated Device Technology ICS9DB202CGT Datasheet HTML 7Page - Integrated Device Technology ICS9DB202CGT Datasheet HTML 8Page - Integrated Device Technology ICS9DB202CGT Datasheet HTML 9Page - Integrated Device Technology ICS9DB202CGT Datasheet HTML 10Page - Integrated Device Technology ICS9DB202CGT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IDT™ / ICS™ PCI EXPRESS JITTER ATTENUATOR
7
ICS9DB202CG REV B JULY 14, 2006
ICS9DB202
PCI EXPRESS JITTER ATTENUATOR
APPLICATION INFORMATION
Figure 2 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = V
DD
/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio
FIGURE 2. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input
clock swing is only 2.5V and V
DD
= 3.3V, V_REF should be 1.25V
and R2/R1 = 0.609.
V_REF
R1
1K
C1
0.1u
R2
1K
Single Ended Clock Input
CLK
nCLK
VDD
POWER SUPPLY FILTERING TECHNIQUES
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. The ICS9DB202 provides separate
power supplies to isolate any high switching noise from the out-
puts to the internal PLL. V
DD and VDDA should be individually con-
nected to the power supply plane through vias, and bypass ca-
pacitors should be used for each pin. To achieve optimum jitter
performance, power supply isolation is required.
Figure 1 illus-
trates how a 24
Ω resistor along with a 10µF and a .01µF bypass
capacitor should be connected to each V
DDA pin. The 10Ω resis-
tor can also be replaced by a ferrite bead.
FIGURE 1. POWER SUPPLY FILTERING
24
Ω
V
DDA
10
µF
.01
µF
3.3V
.01
µF
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com