Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1011-075 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM1011-075
Description  L-BAND AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1011-075 Datasheet(HTML) 2 Page - STMicroelectronics

  AM1011-075 Datasheet HTML 1Page - STMicroelectronics AM1011-075 Datasheet HTML 2Page - STMicroelectronics AM1011-075 Datasheet HTML 3Page - STMicroelectronics AM1011-075 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Uni t
Mi n.
Typ.
Max.
POUT
f
= 1090MHz
PIN
= 9W Peak
VCC
= 50V
75
84
—
W
ηcf = 1090MHz
PIN
= 9W Peak
VCC
= 50V
48
56
—
%
GP
f
= 1090MHz
PIN
= 9W Peak
VCC
= 50V
9.2
9.7
—
dB
N ote:
Pul se Widt h
= 32µSec
Duty Cycle
= 2%
STATIC
Symbol
Test Condi tions
Valu e
Unit
Mi n.
Typ.
Max.
BVCBO
IC
= 10mA
IE
= 0mA
65
—
—
V
BVEBO
IE
= 4mA
IC
= 0mA
3.5
—
—
V
BVCER
IC
= 20mA
RBE
= 10Ω
65
—
—
V
ICES
VCE
= 50V
—
—
6
mA
hFE
VCE
= 5V
IC
= 1mA
10
—
—
—
DYNAMIC
TYPICAL PERFORMANCE
20
30
40
50
60
70
80
90
100
110
120
40
45
50
55
60
65
70
75
80
456789
10
11
12
13
14
15
16
TYPICAL POWER OUTPUT & COLLECTOR
EFFICIENCY vs POWER INPUT
P
O
W
E
R
O
U
T
P
U
T
W
A
T
T
S
POWER INPUT (WATTS)
C
O
L
L
E
C
T
O
R
E
F
F
.
%
POWER INPUT (WATTS)
η
C
POUT
TYPICAL POWER OUTPUT &
COLLECTOR EFFICIENCY vs
POWER INPUT
AM1011-075
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com