Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1011-300 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM1011-300
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1011-300 Datasheet(HTML) 2 Page - STMicroelectronics

  AM1011-300 Datasheet HTML 1Page - STMicroelectronics AM1011-300 Datasheet HTML 2Page - STMicroelectronics AM1011-300 Datasheet HTML 3Page - STMicroelectronics AM1011-300 Datasheet HTML 4Page - STMicroelectronics AM1011-300 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symb ol
T est Co ndi ti ons
Val ue
Un it
Min.
Typ .
Max.
POUT
f
= 1090 MHz
PIN
= 55 W
VCC
= 40 V
325
350
—
W
hc
f
= 1090 MHz
POUT
= 325 W
VCC
= 40 V
40
45
—
%
GP
f
= 1090 MHz
POUT
= 325 W
VCC
= 40 V
7.7
8.0
—
dB
Pulse Condi tions: Pul se wi dth = 200
µs, Duty Cycle = 5%, are equivalent to the following
pulse burst condi tions:
Mode-S Interr ogator (f req = 1030MHz)
32 puls es, 32
µs on, 18µs off, burst period = 17.6ms
long t erm duty = 5.82%
STATIC
Symb ol
Test Con ditio ns
Value
Uni t
Min.
T yp.
Max.
BVCBO
IC
= 75 mA
IE
= 0mA
65
—
—
V
BVCES
IC
= 75 mA
VBE
= 0V
65
—
—
V
BVEBO
IC
= 25 mA
IC
= 0mA
3.0
—
—
V
ICES
VCE
= 40 V
VBE
= 0V
—
—
30
mA
hFE
VCE
= 5V
IC
= 10 A
10
———
DYNAMIC
AM1011-300
2/5
December 9, 1997



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com