Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBY0.4F2 Datasheet(PDF) 1 Page - Alpha Electronics Corp.

Part # PBY0.4F2
Description  Ultra Precision Power Resistor (10 Watts)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAELECTRONICS [Alpha Electronics Corp.]
Direct Link  https://www.alpha-elec.co.jp/e_index.html
Logo ALPHAELECTRONICS - Alpha Electronics Corp.

PBY0.4F2 Datasheet(HTML) 1 Page - Alpha Electronics Corp.

  PBY0.4F2 Datasheet HTML 1Page - Alpha Electronics Corp. PBY0.4F2 Datasheet HTML 2Page - Alpha Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.alpha-elec.co.jp
22
PB, PC Series
For any questions, contact
sales-alpha@alpha-elec.co.jp
Document No.: 67013
Revision: 25-Apr-2016
Ultra Precision Power Resistor (10 Watts)
COMPOSITION OF TYPE NUMBER
PB X 50R000 B
Resistance value, in ohm, is expressed by a series of six
characters, five of which represent significant digits. R or K is
a dual-purpose letter that designates both the value range
(R for ohmic; K for kilo-ohm) and the location of decimal point.
CONFIGURATION (DIMENSIONS IN mm)
W
D
T
T1
PB
W
I
I
V
IV
IV
V
D
T
T1
PC
Schematic of PC
4-Terminal Connection
Type
PB
PC
L
40.0±0.2
L1
20.0±0.2
L2
30.0±0.5
W
20.0±0.2
T
5.0±0.2
T1
1.0±0.1
F
15.0±0.5
ℓ
30±10
D
Dia. 4.0
d
Dia. 0.8±0.05
Dia. 1.2±0.05
TCR, RESISTANCE RANGE, TOLERANCE,
RATED POWER
Type
TCR (ppm/°C)
–25°C to
125°C*
Resistance
Range
(Ω)
Resistance
Tolerance (%)*†
Rated
Power
(W)
at 25°C
PB
0±15 (W)
0.4 to 1
1 to ±5
(F, G, J)
2
in free air
and
10
On heat
sink **
0±15 (W)
0±5 (X)
0±2.5 (Y)
1 to 5
±0.5 to ±5
(D, F, G, J)
5 to 10
±0.1 to ±5
(B, D, F, G, J)
10 to 25
±0.05 to ±5
(A, B, D, F, G, J)
25 to 50
±0.02 to ±5
(Q, A, B, D, F, G, J)
50 to 50k
±0.01 to ±5
(T, Q, A, B, D, F, G, J)
PC
0±15 (W)
0.002 to
0.05
±0.5 to ±5
(D, F, G, J)
0±15 (W)
0±5 (X)
0.05 to 0.1
±0.5 to ±5
(D, F, G, J)
0±15 (W)
0±5 (X)
0±2.5 (Y)
0.1 to 5
±0.1 to ±5
(B, D, F, G, J)
5 to 10
±0.05 to ±5
(A, B, D, F, G, J)
10 to 25
±0.02 to ±5
(Q, A, B, D, F, G, J)
25 to 100
±0.01 to ±5
(T, Q, A, B, D, F, G, J)
* Symbols in parentheses are for type number composition.
† Resistance figures for type PB are the values obtained by measuring
the leads at point 12.7±3.2 mm away from the root, but in case of
resistance below 10 ohm, the values at 5.08±0.6 mm away.
** For heat sinking, an aluminum chassis in 152.4 (L) x 101.6 (W) x 50.8 (H)
x 1.0 mm (T) shall be used.
POWER DERATING CURVE
Ultra Precision Power Resistor (10 Watts)
PB
PC


Similar Part No. - PBY0.4F2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PBY100505T-100Y-N ETC1-PBY100505T-100Y-N Datasheet
717Kb / 14P
SMD Chip Beads
PBY100505T-121Y-N ETC1-PBY100505T-121Y-N Datasheet
717Kb / 14P
SMD Chip Beads
PBY100505T-300Y-N ETC1-PBY100505T-300Y-N Datasheet
717Kb / 14P
SMD Chip Beads
PBY100505T-400Y-N ETC1-PBY100505T-400Y-N Datasheet
717Kb / 14P
SMD Chip Beads
PBY100505T-600Y-N ETC1-PBY100505T-600Y-N Datasheet
717Kb / 14P
SMD Chip Beads
More results

Similar Description - PBY0.4F2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204 Datasheet
109Kb / 8P
Ultra Precision MELF Resistor
25-Feb-04
logo
IRC - a TT electronics ...
3810 IRCTT-3810 Datasheet
129Kb / 2P
Ultra-High Value Precision Resistor
CAR IRCTT-CAR Datasheet
193Kb / 2P
Ultra Precision Metal Film Resistor
logo
American Accurate Compo...
TSOP08A1003AR AAC-TSOP08A1003AR Datasheet
182Kb / 2P
TSOP Series Ultra Precision Molded Resistor Networks
CTN1A-C-1003ATPLM AAC-CTN1A-C-1003ATPLM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
logo
List of Unclassifed Man...
CSS1206 ETC2-CSS1206 Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
EKI-2728-BE ETC2-EKI-2728-BE Datasheet
147Kb / 6P
Ultra Precision Current Sensing Chip Resistor
logo
American Accurate Compo...
TSOP08A1003AR AAC-TSOP08A1003AR_17 Datasheet
791Kb / 2P
TSOP ULTRA PRECISION RESISTOR NETWORKS
logo
Token Electronics Indus...
UPR TOKEN-UPR Datasheet
441Kb / 6P
Ultra Precision Resistor Networks
UPSC TOKEN-UPSC Datasheet
448Kb / 6P
Ultra Precision Resistor Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com