Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2077APT Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB2077APT
Description  TUSB2077A 7-Port Hub for the Universal Serial Bus With Optional Serial EEPROM Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2077APT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB2077APT Datasheet HTML 4Page - Texas Instruments TUSB2077APT Datasheet HTML 5Page - Texas Instruments TUSB2077APT Datasheet HTML 6Page - Texas Instruments TUSB2077APT Datasheet HTML 7Page - Texas Instruments TUSB2077APT Datasheet HTML 8Page - Texas Instruments TUSB2077APT Datasheet HTML 9Page - Texas Instruments TUSB2077APT Datasheet HTML 10Page - Texas Instruments TUSB2077APT Datasheet HTML 11Page - Texas Instruments TUSB2077APT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0.5
0
0
1
2
1
1.5
3
4
VICR - Common Mode Input Rang e - V
0.8
3.6
0.2
1.3
2.5
Vhys
VIT+
VIT-
VCC
VIH
VIL
0 V
Logic high
Logic low
15 k
15 k
1.5 k
22
22
TUSB2077A
SLLS414F – MARCH 2000 – REVISED AUGUST 2015
www.ti.com
Figure 1. Differential Driver Switching Load
Figure 2. Differential Driver Timing Waveforms
Figure 3. Single-Ended Receiver Input Signal Parameter Definitions
7.8 Typical Characteristics
Figure 4. Differential Receiver Input Sensitivity vs Common Mode Input Range
8
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TUSB2077A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com