Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB211 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB211
Description  TUSB211 USB 2.0 High Speed Signal Conditioner
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB211 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB211 Datasheet HTML 1Page - Texas Instruments TUSB211 Datasheet HTML 2Page - Texas Instruments TUSB211 Datasheet HTML 3Page - Texas Instruments TUSB211 Datasheet HTML 4Page - Texas Instruments TUSB211 Datasheet HTML 5Page - Texas Instruments TUSB211 Datasheet HTML 6Page - Texas Instruments TUSB211 Datasheet HTML 7Page - Texas Instruments TUSB211 Datasheet HTML 8Page - Texas Instruments TUSB211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
TUSB211, TUSB211I
www.ti.com
SLLSEO0D – MAY 2015 – REVISED OCTOBER 2017
Product Folder Links: TUSB211
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
(1) All typical values are at VCC = 3.3 V, and TA = 25°C.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
I(ACTIVE_HS)
High Speed Active Current
USB channel = HS mode. 480 Mbps
traffic. VCC supply stable
16
20
mA
I(IDLE_HS)
High Speed Idle Current
USB channel = HS mode. No traffic. VCC
supply stable
12
15
mA
I(SUSPEND_HS) Suspend Current
USB channel = Suspend mode.
4.5
5.5
mA
I(FS)
Full-Speed Current
USB channel = FS mode
4.5
5.5
mA
I(LS)
Low-Speed Current
USB channel = LS mode
4.5
5.5
mA
I(DISCONN)
Disconnect Power
Host side application. No device
attachment.
4.5
5.5
mA
I(RSTN)
Disable Power
RSTN driven low; VCC supply stable; VCC
= 3.3 V
4.5
5.5
mA
RSTN
VIH
High level input voltage
2
VCC
V
VIL
Low-level input voltage
0
0.8
V
IIH
High level input current
VIH = 3.6 V, VCC = 3 V, RPU enabled
±2
µA
IIL
Low level input current
VIL = 0V, VCC = 3.6 V, RPU enabled
±11
µA
EQ
R(EQ)
External pulldown resistor
Level 0 EQ
0.32
kΩ
Level 1 EQ
1.4
2.2
kΩ
Level 2 EQ [MAX]
3.7
4.1
kΩ
Level 3 EQ [MIN]
6
kΩ
CD, ENA_HS
VOH
High level output voltage
IO = –50 µA
2.4
V
VOL
Low level output voltage
IO = 50 µA
0.4
V
DxP, DxM
T(SHRT_GND)
DP, DM low voltage short circuit
DxP or DxM short circuited to GND
continuously for 24 hours
at TA = 25°C only
0
V
CIO(DXX)
Capacitance to GND
Measured with LCR meter and device
powered down. 1 MHz sinusoid, 30 mVpp
ripple
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com