Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB321 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB321
Description  TUSB321 USB Type-C™ Configuration Channel Logic and Port Control with VCONN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB321 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB321 Datasheet HTML 1Page - Texas Instruments TUSB321 Datasheet HTML 2Page - Texas Instruments TUSB321 Datasheet HTML 3Page - Texas Instruments TUSB321 Datasheet HTML 4Page - Texas Instruments TUSB321 Datasheet HTML 5Page - Texas Instruments TUSB321 Datasheet HTML 6Page - Texas Instruments TUSB321 Datasheet HTML 7Page - Texas Instruments TUSB321 Datasheet HTML 8Page - Texas Instruments TUSB321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TUSB321
www.ti.com
SLLSEO6C – JUNE 2015 – REVISED AUGUST 2018
Product Folder Links: TUSB321
Submit Documentation Feedback
Copyright © 2015–2018, Texas Instruments Incorporated
(1)
VDD must be 3.5 V or greater to advertise 3 A current.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Power Consumption
IUNATTACHED_UFP
Current consumption in unattached mode when port is
unconnected and waiting for connection. (VDD = 5 V, PORT
= L)
100
µA
IACTIVE_UFP
Current consumption in active mode. (VDD = 5 V, PORT =
L)
100
µA
CC1 and CC2 Pins
RCC_D
Pulldown resistor when in UFP or DRP mode.
4.6
5.1
5.6
kΩ
VTH_UFP_CC_USB
Voltage threshold for detecting a DFP attach when
configured as a UFP and DFP is advertising default current
source capability.
0.15
0.2
0.25
V
VTH_UFP_CC_MED
Voltage threshold for detecting a DFP attach when
configured as a UFP and DFP is advertising medium (1.5
A) current source capability.
0.61
0.66
0.7
V
VTH_UFP_CC_HIGH
Voltage threshold for detecting a DFP attach when
configured as a UFP and DFP is advertising high (3 A)
current source capability.
1.169
1.23
1.29
V
VTH_DFP_CC_USB
Voltage threshold for detecting a UFP attach when
configured as a DFP and advertising default current source
capability.
1.51
1.6
1.64
V
VTH_DFP_CC_MED
Voltage threshold for detecting a UFP attach when
configured as a DFP and advertising medium current (1.5
A) source capability.
1.51
1.6
1.64
V
VTH_DFP_CC_HIGH
Voltage threshold for detecting a UFP attach when
configured as a DFP and advertising high current (3.0 A)
source capability.
2.46
2.6
2.74
V
VTH_AC_CC_USB
Voltage threshold for detecting a active cable attach when
configured as a DFP and advertising default current
source.
0.15
0.20
0.25
V
VTH_AC_CC_MED
Voltage threshold for detecting a active cable attach when
configured as a DFP and advertising medium current (1.5
A) source.
0.35
0.40
0.45
V
VTH_AC_CC_HIGH
Voltage threshold for detecting a active cable attach when
configured as a DFP and advertising high current (3.0 A)
source.
0.76
0.80
0.84
V
ICC_DEFAULT_P
Default mode pullup current source when operating in DFP
or DRP mode.
64
80
96
µA
ICC_MED_P
Medium (1.5 A) mode pullup current source when
operating in DFP or DRP mode.
166
180
194
µA
ICC_HIGH_P
High (3 A) mode pullup current source when operating in
DFP or DRP mode.(1)
304
330
356
µA
Control Pins: PORT, CURRENT_MODE, VCONN_FAULT, DIR, ID, OUT1, OUT2
VIL
Low-level control signal input voltage, (PORT,
CURRENT_MODE)
0.4
V
VIM
Mid-level control signal input voltage (PORT,
CURRENT_MODE)
0.28 × VDD
0.56 × VDD
V
VIH
High-level control signal input voltage (PORT,
CURRENT_MODE)
VDD - 0.3
V
IIH
High-level input current
–20
20
µA
IIL
Low-level input current
–10
10
µA
Rpu
Internal pullup resistance (PORT)
588
kΩ
Rpd
Internal pulldown resistance (PORT)
1.1
MΩ
RPD_CUR
Internal pulldown resistance for CURRENT_MODE pin
275
kΩ
VOL
Low-level signal output voltage (open-drain)
(VCONN_FAULT, ID, OUT1, OUT2)
IOL = –1.6 mA
0.4
V
Rp_ODext
External pullup resistor on open drain IOs
(VCONN_FAULT, ID, OUT1, OUT2)
200
kΩ
Rp_TLext
Tri-level input external pull-up resistor (PORT)
4.7
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com