Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8040 Datasheet(PDF) 26 Page - Texas Instruments

Part # TUSB8040
Description  USB 3.0 Four Port Hub
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8040 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB8040 Datasheet HTML 22Page - Texas Instruments TUSB8040 Datasheet HTML 23Page - Texas Instruments TUSB8040 Datasheet HTML 24Page - Texas Instruments TUSB8040 Datasheet HTML 25Page - Texas Instruments TUSB8040 Datasheet HTML 26Page - Texas Instruments TUSB8040 Datasheet HTML 27Page - Texas Instruments TUSB8040 Datasheet HTML 28Page - Texas Instruments TUSB8040 Datasheet HTML 29Page - Texas Instruments TUSB8040 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Not Recommended for New Designs
TUSB8040
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
www.ti.com
6.5
HUB INPUT SUPPLY CURRENT
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
US: SuperSpeed and high-speed,
DS: 4 ports actively transmitting data at
655
730
805
SuperSpeed
US: SuperSpeed and High-speed,
390
430
470
DS: no DS connections
US: High-Speed,
1.1 V
DS: 4 ports actively transmit-ting data at high-
395
435
475
speed
US: High-Speed,
385
425
465
DS: 4 ports connected at high-speed and idle
US: High-Speed (SUSPEND MODE),
370
410
450
DS: no DS connections
VDD11
mA
US: SuperSpeed and high-speed,
DS: 4 ports actively transmitting data at
765
840
905
SuperSpeed
US: SuperSpeed and High-speed,
420
470
520
DS: no DS connections
US: High-Speed,
1.2 V
DS: 4 ports actively transmit-ting data at high-
430
480
530
IDD
Supply current
speed
US: High-Speed,
420
470
520
DS: 4 ports connected at high-speed and idle
US: High-Speed (SUSPEND MODE),
405
450
495
DS: no DS connections
US: SuperSpeed and high-speed,
DS: 4 ports actively transmitting data at
105
120
135
SuperSpeed
US: SuperSpeed and High-speed,
105
120
135
DS: no DS connections
US: High-Speed,
DS: 4 ports actively transmit-ting data at high-
105
120
135
VDD33
mA
speed
US: High-Speed,
105
120
135
DS: 4 ports connected at high-speed and idle
US: High-Speed,
105
120
135
DS: no DS connections
US: High-Speed (SUSPEND MODE),
55
60
65
DS: no DS connections
26
ELECTRICAL SPECIFICATIONS
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com