Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9260PVP Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB9260PVP
Description  USB 3.0 TO SATA BRIDGE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB9260PVP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB9260PVP Datasheet HTML 16Page - Texas Instruments TUSB9260PVP Datasheet HTML 17Page - Texas Instruments TUSB9260PVP Datasheet HTML 18Page - Texas Instruments TUSB9260PVP Datasheet HTML 19Page - Texas Instruments TUSB9260PVP Datasheet HTML 20Page - Texas Instruments TUSB9260PVP Datasheet HTML 21Page - Texas Instruments TUSB9260PVP Datasheet HTML 22Page - Texas Instruments TUSB9260PVP Datasheet HTML 23Page - Texas Instruments TUSB9260PVP Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.ti.com
PACKAGE OUTLINE
C
64X
0.19
0.13
0.07
C A B
60X 0.4
PIN 1 ID
(0.13)
TYP
0.15
0.05
0 -7
4X 6
9.2
8.8
TYP
3.581
3.321
3.581
3.321
B
7.2
6.8
NOTE 3
A
7.2
6.8
NOTE 3
0.75
0.45
0.25
GAGE PLANE
1.2 MAX
(1)
(0.15) TYP
NOTE 5
(0.2) TYP
NOTE 5
PLASTIC QUAD FLATPACK
PowerPAD
HTQFP - 1.2 mm max height
PVP0064A
PLASTIC QUAD FLATPACK
4218968/A 12/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. Reference JEDEC registration MS-026.
5. Feature may not be present.
TM
PowerPAD is a trademark of Texas Instruments.
1
16
17
32
33
48
49
64
0.07
C A B
SEE DETAIL A
SEATING PLANE
0.08 C
A 16
DETAIL A
TYPICAL
SCALE 1.900
1
16
17
32
33
48
49
64
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com