Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAPG4.A Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB4041IPAPG4.A
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB4041IPAPG4.A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB4041IPAPG4.A Datasheet HTML 9Page - Texas Instruments TUSB4041IPAPG4.A Datasheet HTML 10Page - Texas Instruments TUSB4041IPAPG4.A Datasheet HTML 11Page - Texas Instruments TUSB4041IPAPG4.A Datasheet HTML 12Page - Texas Instruments TUSB4041IPAPG4.A Datasheet HTML 13Page - Texas Instruments TUSB4041IPAPG4.A Datasheet HTML 14Page - Texas Instruments TUSB4041IPAPG4.A Datasheet HTML 15Page - Texas Instruments TUSB4041IPAPG4.A Datasheet HTML 16Page - Texas Instruments TUSB4041IPAPG4.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
13
TUSB4041I
www.ti.com
SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TUSB4041I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.3.3 One-Time Programmable Configuration
The TUSB4041I device allows device configuration through one-time programmable (OTP) non-volatile memory.
The programming of the OTP is supported using vendor-defined USB device requests. Contact TI for details
using the OTP features
Table 2 lists features that can be configured using the OTP.
Table 2. OTP Configurable Features
CONFIGURATION REGISTER
OFFSET
BIT FIELD
DESCRIPTION
REG_01h
[7:0]
Vendor ID LSB
REG_02h
[7:0]
Vendor ID MSB
REG_03h
[7:0]
Product ID LSB
REG_04h
[7:0]
Product ID MSB
REG_07h
[0]
Port-removable configuration for downstream ports 1. OTP configuration is
inverse of rmbl[3:0], that is 1 = not removable, 0 = removable.
REG_07h
[1]
Port-removable configuration for downstream ports 2. OTP configuration is
inverse of rmbl[3:0], that is 1 = not removable, 0 = removable.
REG_07h
[2]
Port-removable configuration for downstream ports 3. OTP configuration is
inverse of rmbl[3:0], that is 1 = not removable, 0 = removable.
REG_07h
[3]
Port-removable configuration for downstream ports 4. OTP configuration is
inverse of rmbl[3:0], that is 1 = not removable, 0 = removable.
REG_0Ah
[3]
Enable device attach detection
REG_0Ah
[4]
High-current divider mode enable
REG_0Bh
[0]
USB 2.0 port polarity configuration for downstream ports 1
REG_0Bh
[1]
USB 2.0 port polarity configuration for downstream ports 2
REG_0Bh
[2]
USB 2.0 port polarity configuration for downstream ports 3
REG_0Bh
[3]
USB 2.0 port polarity configuration for downstream ports 4
REG_F0h
[3:1]
USB power switch power-on delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com