Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7012003 Datasheet(PDF) 4 Page - Norgren Ltd

Part # CS7012003
Description  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS7012003 Datasheet(HTML) 4 Page - Norgren Ltd

  CS7012003 Datasheet HTML 1Page - Norgren Ltd CS7012003 Datasheet HTML 2Page - Norgren Ltd CS7012003 Datasheet HTML 3Page - Norgren Ltd CS7012003 Datasheet HTML 4Page - Norgren Ltd CS7012003 Datasheet HTML 5Page - Norgren Ltd CS7012003 Datasheet HTML 6Page - Norgren Ltd CS7012003 Datasheet HTML 7Page - Norgren Ltd CS7012003 Datasheet HTML 8Page - Norgren Ltd CS7012003 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
N/AL 9.12.001.04
05/99
Metric Tubing and Hose
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
Product
A
B
C
E
Min
Max (bar)
Number
O/D
A/F bend
working
tube
radius pressure
42 0020 00 000 4
19
*
13
34
69
42 0020 00 250 4
19
250 13
34
69
42 0020 00 300 4
19
300 13
34
69
42 0020 00 350 4
19
350 13
34
69
42 0020 00 400 4
19
400 13
34
69
42 0020 00 500 4
19
500 13
34
69
42 0020 00 600 4
19
600 13
34
69
42 0020 00 750 4
19
750 13
34
69
42 0020 01 000 4
19
1000 13
34
69
42 0030 00 000 5
21
*
13
34
69
42 0030 00 250 5
21
250 13
34
69
42 0030 00 300 5
21
300 13
34
69
42 0030 00 350 5
21
350 13
34
69
42 0030 00 400 5
21
400 13
34
69
42 0030 00 500 5
21
500 13
34
69
42 0030 00 600 5
21
600 13
34
69
42 0030 00 750 5
21
750 13
34
69
42 0030 01 000 5
21
1000 13
34
69
42 0040 00 000 6
23
*
14
35
69
42 0040 00 250 6
23
250 14
35
69
42 0040 00 300 6
23
300 14
35
69
42 0040 00 350 6
23
350 14
35
69
42 0040 00 400 6
23
400 14
35
69
42 0040 00 500 6
23
500 14
35
69
42 0040 00 600 6
23
600 14
35
69
42 0040 00 750 6
23
750 14
35
69
42 0040 01 000 6
23
1000 14
35
69
B
B
C
E
Flexible hose assemblies
Metal Braided Rubber Hose
Product
A
B
C
E
Min
Max (bar)
Number
O/D
A/F bend
working
tube
radius pressure
42 0050 00 000 8
26
*
17
39
69
42 0050 00 250 8
26
250 17
39
69
42 0050 00 300 8
26
300 17
39
69
42 0050 00 350 8
26
350 17
39
69
42 0050 00 400 8
26
400 17
39
69
42 0050 00 500 8
26
500 17
39
69
42 0050 00 600 8
26
600 17
39
69
42 0050 00 750 8
26
750 17
39
69
42 0050 01 000 8
26
1000 17
39
69
42 0060 00 000 10
28
*
19
39
69
42 0060 00 250 10
28
250 19
39
69
42 0060 00 300 10
28
300 19
39
69
42 0060 00 350 10
28
350 19
39
69
42 0060 00 400 10
28
400 19
39
69
42 0060 00 500 10
28
500 19
39
69
42 0060 00 600 10
28
600 19
39
69
42 0060 00 750 10
28
750 19
39
69
42 0060 01 000 10
28
1000 19
39
69
42 0070 00 000 12
30
*
22
51
47
42 0070 00 250 12
30
250 22
51
47
42 0070 00 300 12
30
300 22
51
47
42 0070 00 350 12
30
350 22
51
47
42 0070 00 400 12
30
400 22
51
47
42 0070 00 500 12
30
500 22
51
47
42 0070 00 600 12
30
600 22
51
47
42 0070 00 750 12
30
750 22
51
47
42 0070 01 000 12
30
1000 22
51
47
Metal braided rubber hoses are suitable for use with petrol, diesel fuel, paraffin and other liquids to pressures stated in
the tables below. They are also suitable for use with compressed air up to a maximum working pressure of 10 bar.
The maximum working pressures quoted in these tables have been taken under ideal conditions with non-pulsating
pressures when used with compression tube fittings, see Section 9
9..6
6.
Working temperature range -20°C to +100°C
*State length of hose required if ordering non-standard lengths.
Minimum length 155mm.
When installing a flexible hose the following simple rules should
be noted.
1.
Flexible hose is weakened when installed in a twisted
position.
2.
Ample bend radius should be allowed to avoid collapsing the
hose.
3.
When hose is installed in a flexing application remember that
metal end fittings are not part of the flexible portion.
4.
Use elbows or adaptors to eliminate excess hose bends.
Double wall brazed steel tubing is constructed from copper coated steel strip which is rolled twice around laterally,
then furnace brazed to produce a tube of double wall structure, with a clear, scale free coppered bore, a plated
external surface and a consistently uniform wall thickness.
Double Wall Brazed Steel Tube
Product
O/D
Inside
Min
Max
Number
tube
diameter
bend
working
3m straight size
radius
pressure (bar)
(10ft)
(min)
at 20°C*
BU6304003 4
2,6
10
380
BU6306003 6
4,6
13
300
BU6308003 8
6,6
19
250
BU6310003 10
8,6
22
195
BU6312003 12
10,6
44
160
Tolerance on outside diameters is –0,07 mm to +0,05
mm.
*Maximum working pressures stated are for tubes of
straight length, with non-pulsating pressures when used
with Enots compression tube fittings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com