Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA5202 Datasheet(PDF) 21 Page - Eutech Microelectronics Inc

Part # EUA5202
Description  2-W Stereo Audio Power Amplifier with Mute
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA5202 Datasheet(HTML) 21 Page - Eutech Microelectronics Inc

Back Button EUA5202 Datasheet HTML 15Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 16Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 17Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 18Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 19Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 20Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 21Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 22Page - Eutech Microelectronics Inc EUA5202 Datasheet HTML 23Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
EUA5202
DS5202 Ver 1.6 May. 2005
21
Input MUX Operation
Working in concert with the
BTL
SE/
feature, the
LINE
HP/
MUX feature gives the audio designer the
flexibility of a multichip design in a single IC (see
Figure 58). The primary function of the MUX is to allow
different gain settings for BTL versus SE mode.
Speakers typically require approximately a factor of 10
more gain for similar volume listening levels as
compared to headphones. To achieve headphone and
speaker listening parity, the resistor values would need
to be set as follows:
-------------------------- (11)
If, for example RI (HP) = 10 kΩ and RF (HP) = 10kΩ then
SE Gain (HP) = -1


−
=
(LINE)
I
(LINE)
F
(LINE)
R
R
2
Gain
BTL
-------------------- (12)
If, for example RI (LINE) = 10kΩ and RF (LINE) = 50kΩ then
BTL Gain (LINE) = -10
Another advantage of using the MUX feature is setting
the gain of the headphone channel to -1. This provides
the optimum distortion performance into the headphones
where clear sound is more important. Refer to the
BTL
SE/
operation section for a description of the
headphone hack control circuit.
BTL
SE/
Operation
The ability of the EUA5202 to easily switch between
BTL and SE modes is one of its most important cost
saving features. This feature eliminates the requirement
for an additional headphone amplifier in applications
where internal stereo speakers are driven in BTL mode
but
external
headphone
or
speakers
must
be
accommodated. Internal to the EUA5202, two separate
amplifiers drive LOUT- and ROUT- (terminals 10 and
15).When
BTL
SE/
is held high, the OUT- amplifier
are in high output impedance state, which configures the
EUA5202 as an SE driver from LOUT + and ROUT +
(terminal 3 and 22). IDD is reduced by approximately
one-half in SE mode. Control of the
BTL
SE/
input can
be from a logic-level CMOS source, or, more typically,
from a resistor divider network as shown in Figure 59.
Using a readily available 1/8-in. (3.5mm) stereo
headphone jack, the control switch is closed when no
plug is inserted. When closed the 100-kΩ
/1-kΩ divider
pulls the
BTL
SE/
input low. When a plug is inserted,
the OUT- amplifier is shutdown causing the speaker to
mute (virtually open-circuits the speaker). The OUT+
amplifier then drives through the output capacitor (CO)
into the headphone jack. As shown n the full feature
application (Figure 2), the input MUX control can be
tied to the
BTL
SE/
input. The benefits of doing this are
described in the following input MUX operation section.
Mute and Shutdown Mode
The EUA5202 employs both a mute and a shutdown
mode of operation designed to reduce supply current, IDD,
to the absolute minimum level during periods of nonuse
for battery-power conservation. The SHUTDOWN input
terminal should be held low during normal operation
when the amplifier is in use. Pulling SHUTDOWN high
causes the outputs to mute and the amplifier to enter a
low-current state, IDD = 5 µA. SHUTDOWN or MUTE
IN should never be left unconnected because amplifier
operation would be unpredictable. Mute mode alone
reduces IDD to 1.5 mA.


−
=
(HP)
I
(HP)
F
(HP)
R
R
Gain
SE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com