Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA5544 Datasheet(PDF) 9 Page - Eutech Microelectronics Inc

Part # EUA5544
Description  Class AB Stereo Headphone Driver with Shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA5544 Datasheet(HTML) 9 Page - Eutech Microelectronics Inc

Back Button EUA5544 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA5544 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA5544 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA5544 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA5544 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA5544 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA5544 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA5544 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA5544 Datasheet HTML 10Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EUA5544
DS5544 Ver 2.4 Oct.2007
9
Application Note
Power Supply Decoupling, CS
EUA5544 is a high-performance CMOS audio amplifier
that requires adequate power supply decoupling to
ensure the output total harmonic distortion (THD) is as
low as possible. Power supply decoupling also prevents
the oscillations causing by long lead length between the
amplifier and the speaker.
Applications that employ a 5V regulator typically use a
10µF in parallel with a 0.1µF filter capacitors to stabilize
the regulator’s output, reduce noise on the supply line,
and improve the supply’s transient response. However,
this does not eliminate the need for a local bypass
capacitor connected between the EUA5544’s supply
pins and ground. A bypass capacitor value in the range
of 0.1µF to 1µF is recommended for CS.
Input Capacitor Ci
Amplifying the lowest audio frequencies requires a high
value input coupling capacitor, Ci. A high value
capacitor can be expensive and may compromise space
efficiency in portable designs. In many cases, however,
the headphones used in portable systems have little
ability to reproduce signals below 60Hz. Applications
using headphones with this limited frequency response
reap little improvement by using a high value input
capacitor.
In addition to system cost and size, turn-on time is
affected by the size of the input coupling capacitor Ci. A
larger input coupling capacitor requires more charge to
reach its quiescent DC voltage. This charge comes from
the output via the feedback. Thus, by minimizing the
capacitor size based on necessary low frequency
response, turn-on time can be minimized. A small value
of Ci, 1µF, is recommended.
Bypass Capacitor, CB
Besides minimizing the input capacitor sizes, careful
consideration should be paid to the bypass capacitor size.
The bypass capacitor, CB, is the most critical component
to minimize turn-on pops since it determines how fast
the EUA5544 turns on. The slower the EUA5544’s
output ramp to their quiescent DC voltage (nominally
1/2 VDD), the smaller the turn-on pop.
Output Coupling Capacitors, Cc
Typical single-supply audio amplifiers that drive
single-ended (SE) headphones use a coupling capacitor
on each SE output. This output coupling capacitor
blocks the half-supply voltage to which the output
amplifiers are typically biased and couples the audio
signal to the headphones.
The output coupling capacitor and impedance of the
load form a high-pass filter governed by equation.
fc (highpass)=1/(2
π RLCC)
(4)
For example, a 220µF capacitor with an 32Ω speaker
would attenuate low frequencies below 22Hz. The main
disadvantage, from a performance standpoint, is the load
impedance is typically small, which drives the
low-frequency corner higher degrading the bass
response. Large values of CC are required to pass low
frequencies into the load.
Micro Power Shutdown
The voltage applied to the Shutdown pin controls the
EUA5544 shutdown function. Activate micro-power
shutdown by applying a logic-low voltage to the
Shutdown pin. When active, the EUA5544 micro-power
shutdown feature turns off the amplifier’s bias circuitry,
reducing the supply current.
There are a few ways to control the micro-power
shutdown.
These
include
using
a
single-pole,
single-throw (SPST) switch, a microprocessor, or a
microcontroller. When using a switch, connect an
external pull-up resistor between the Shutdown pin and
VDD. Connect the switch between the Shutdown pin and
ground. Select normal amplifier operation by opening
the switch. Closing the switch connects the Shutdown
pin to ground, activating micro-power shutdown. The
switch and resistor guarantee that the Shutdown pin will
not float. This prevents unwanted state changes. In a
system with a microprocessor or microcontroller, use a
digital output to apply the control voltage to the
Shutdown pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com