Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA6019 Datasheet(PDF) 13 Page - Eutech Microelectronics Inc

Part # EUA6019
Description  3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6019 Datasheet(HTML) 13 Page - Eutech Microelectronics Inc

Back Button EUA6019 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 11Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 12Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 13Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 14Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 15Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 16Page - Eutech Microelectronics Inc EUA6019 Datasheet HTML 17Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
EUA6019
DS6019 Ver 1.1 May. 2007
13
Table 2. DC Volume Control (SE Mode, VDD=5V)
(1)
VOLUME=VOLUME-SEDIFF or SEMAX
From(V)
To(V)
Gain of amplifier (dB)
0.00
0.26
-85(2)
0.33
0.37
-46
0.44
0.48
-44
0.56
0.59
-42
0.67
0.70
-40
0.78
0.82
-38
0.89
0.93
-36
1.01
1.04
-34
1.12
1.16
-32
1.23
1.27
-30
1.35
1.38
-28
1.46
1.49
-26
1.57
1.60
-24
1.68
1.72
-22
1.79
1.83
-20
1.91
1.94
-18
2.02
2.06
-16
2.13
2.17
-14
2.25
2.28
-12
2.36
2.39
-10
2.47
2.50
-8
2.58
2.61
-6(2)
2.70
2.73
-4
2.81
2.83
-2
2.92
2.95
0(2)
3.04
3.06
2
3.15
3.17
4
3.26
3.29
6(2)
3.38
3.40
8
3.49
3.51
10
3.60
3.63
12
3.71
5.00
14
(1)For other values of VDD ,scale the voltage values in the table by a factor of VDD/5.
(2)Tested in production. Remaining gain steps are specified by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com