Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA6027 Datasheet(PDF) 13 Page - Eutech Microelectronics Inc

Part # EUA6027
Description  2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6027 Datasheet(HTML) 13 Page - Eutech Microelectronics Inc

Back Button EUA6027 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 11Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 12Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 13Page - Eutech Microelectronics Inc EUA6027 Datasheet HTML 14Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EUA6027
DS6027 Ver 1.0 Feb. 2007
13
Thermal Pad Considerations
The thermal pad must be connected to ground. The package
with thermal pad of the EUA6027 requires special attention
on thermal design. If the thermal design issues are not
properly addressed, the EUA6027 will go into thermal
shutdown when driving a heavy load.
The thermal pad on the bottom of the EUA6027 should be
soldered down to a copper pad on the circuit board. Heat can
be conducted away from the thermal pad through the copper
plane to ambient. If the copper plane is not on the top
surface of the circuit board, 8 to 10 vias of 13 mil or smaller
in diameter should be used to thermally couple the thermal
pad to the bottom plane.
For good thermal conduction, the vias must be plated
through and solder filled. The copper plane used to conduct
heat away from the thermal pad should be as large as
practical.
If the ambient temperature is higher than 25℃,a larger
copper plane or forced-air cooling will be required to keep
the EUA6027 junction temperature below the thermal
shutdown
temperature
(150℃).
In
higher
ambient
temperature, higher airflow rate and/or larger copper area
will be required to keep the IC out of thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com