Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUA6205 Datasheet(PDF) 13 Page - Eutech Microelectronics Inc

Part # EUA6205
Description  1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA6205 Datasheet(HTML) 13 Page - Eutech Microelectronics Inc

Back Button EUA6205 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 9Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 10Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 11Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 12Page - Eutech Microelectronics Inc EUA6205 Datasheet HTML 13Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
EUA6205
DS6205 Ver 1.0 Mar. 2007
13
Package Information (continued)
MSOP-8 (FD)
MILLIMETERS
INCHES
SYMBOLS
MIN.
MAX.
MIN.
MAX.
A
-
1.10
-
0.043
A1
0.00
0.15
0.000
0.006
D
3.00
0.118
E
4.70
5.10
0.185
0.201
E1
3.00
0.118
D1
1.70
0.067
E2
1.70
0.067
L
0.40
0.80
0.016
0.031
b
0.22
0.38
0.008
0.015
e
0.65
0.026
DETAILA A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com