Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3811 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3811
Description  Adafruit NeoPixel LED Strip w/ Alligator Clips - 60 LED/m - 0.5 Meter Long - Black Flex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3811 Datasheet(HTML) 2 Page - Adafruit Industries

  3811 Datasheet HTML 1Page - Adafruit Industries 3811 Datasheet HTML 2Page - Adafruit Industries 3811 Datasheet HTML 3Page - Adafruit Industries 3811 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The strips come in a 0.5 meter reel with three 100mm long red/black/white
alligator clips on the end. The other end is sealed. The alligator clips are even
nicely color-coded: black for ground, white for signal, red for 3-5VDC power.
We use SK6812 LEDs on these strips so you don't need an inline resistor and
they work down to 3V logic+power.
NeoPixels are addressable LEDs. That means, there are 60 RGB LEDs per meter
and the strip is half a meter long so you get 30 individually-controlled RGB
LEDs! You can set the color of each LED's red, green and blue component with
8-bit PWM precision (so 24-bit color per pixel). The LEDs are controlled by
shift-registers that are chained up down the strip so you can shorten the strip if
you like by cutting it. Only 1 digital output pin are required to send data down.
The PWM is built into each LED-chip so once you set the color you can stop
talking to the strip, and it will continue to PWM all the LEDs for you
The strip is made of flexible PCB material, and comes in a weatherproof
sheathing. You can cut this stuff pretty easily with wire cutters. Of course, you
can also connect strips together to make them longer, just watch how much
current you need! We have a 5V/2A supply that is able to drive this strip but
chances are you will power these short strips direct from your microcontroller
board. You must use a 3-5V DC power supply to power these strips, do not use
higher than 6V or you can destroy the entire strip– yikes!
These LEDs use about 4.8 Watts max (~1 Amps @ 5V) per meter. The max rating
is assuming all the LEDs are on full white, usually the actual current for colorful
design is less than 1/3 of the max current. A good power supply is key!
Our detailed NeoPixel Uberguide has everything you need to use NeoPixels in
any shape and size. Including ready-to-go library & example code for Arduino
compatibles. You can also use these strips with MakeCode or CircuitPython
using the NeoPixel software support.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com