Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3868 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3868
Description  Flexible Silicone Neon-Like LED Strip - 1 Meter - Green
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3868 Datasheet(HTML) 2 Page - Adafruit Industries

  3868 Datasheet HTML 1Page - Adafruit Industries 3868 Datasheet HTML 2Page - Adafruit Industries 3868 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
You'll get 1 meter long strip with two power wires. Provide 9V (bright) to 12V
(very bright!) and the tubing starts to glow. No soldering is required! You
can attach these with a 2.1mm DC Barrel Jack, plug into your favorite 12V
supply, and
voilà! Instant, glowy goodness. For portable use, try our 8 x AA
battery packs with NiMH rechargeable or Alkaline batteries.
Note these are not 'NeoPixel' LED strips, you can turn the whole thing on or off,
but you cannot turn on individual LEDs or change the colors. You can cut the
silicone cover and LED strip up if you like, you might end up breaking or or two
LEDs in the process but it is possible!
TECHNICAL DETAILS
Operating Voltage: DC 12V
Current draw: 0.8A per meter at 12V
LED: SMD2835
LED Quantity per Meter: 120 pcs
Weatherproof Rating: IP65
Weight: 71g



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com