Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4313 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4313
Description  Adafruit 1.3" 240x240 Wide Angle TFT LCD Display with MicroSD - ST7789
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4313 Datasheet(HTML) 2 Page - Adafruit Industries

  4313 Datasheet HTML 1Page - Adafruit Industries 4313 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
direction. The TFT driver (ST7789) is very similar to the popular ST7735, and
our Arduino library supports it well.
Our breakout has the TFT display soldered on (it uses a delicate flex-circuit
connector) as well as a ultra-low-dropout 3.3V regulator and a 3/5V level
shifter so you can use it with 3.3V or 5V power and logic. We also had a little
space so we placed a microSD card holder so you can easily load full color
bitmaps from a FAT16/FAT32 formatted microSD card. The microSD card is not
included, but you can pick one up here.
Of course, we wouldn't just leave you with a datasheet and a "good luck!"
- we've written a full open source graphics library that can draw pixels, lines,
rectangles, circles, text and bitmaps as well as example code and a wiring
Specifications:
1.3" LCD TFT display
Built-in microSD slot
1x16 header for easy breadboarding
4 x 0.1" / 2.5mm mounting holes in corners
LCD screen dimensions: 26mm x 26mm / 1.02" x 1.02"
Overall dimension: 35.8mm x 35.8mm x 5.3mm
Mounting hole distance: 33mm x 30mm / 1.3" x 1.2"
Weight (assembled): 7.6g
https://www.adafruit.com/product/4313/7‐26‐19 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com