Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUP2571VCIR1 Datasheet(PDF) 2 Page - Eutech Microelectronics Inc

Part # EUP2571VCIR1
Description  White LED Step-Up Converter In Tiny SOT-23 Package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2571VCIR1 Datasheet(HTML) 2 Page - Eutech Microelectronics Inc

  EUP2571VCIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2571VCIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EUP2571
DS2571
Ver1.1
May. 2007
2
Typical Application Circuit (continued)
Figure 2.
5V to 9V/300mA Step-Up Application
Pin Configurations
Package Type
Pin
Configurations
Package Type
Pin
Configurations
SOT23-5
SOT23-6
Pin Description
PIN
SOT23-5
SOT23-6
DESCRIPTION
LX
1
1
Switch Pin. Connect inductor/diode here. Minimize trace area at this pin to
reduce EMI.
GND
2
2
Common Ground
FB
3
3
Feedback Pin. Reference voltage is 0.25V. Connect cathode of lowest LED
and resistor here. Calculate resistor value according to the formula:
RFB=0.25/ILED
EN
4
4
Chip Enable Pin. Connect to 1.4V or higher to enable device, 0.4V or less to
disable device.
IN
5
6
Input Supply Voltage
OUT
-
5
Overvoltage Sense. When VOUT is greater than 27V, the internal N-channel
MOSFET turns off until VOUT drops below 25V, then the IC reenters start.
Connect a 1uF capacitor from OUT to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com