Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8232 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 8232
Description  USB to 8 Inputs / 8 Form C High-Current Relay Outputs Digital Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

8232 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  8232 Datasheet HTML 1Page - Sealevel Systems, Inc. 8232 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to 8 Inputs / 8 Form C High-Current Relay Outputs
Digital Interface Adapter
Control and monitor 8 optically isolated inputs and 8 (SPDT) high-current Form C relay outputs via any USB connection with the
8232. Inputs can range from 5-30VDC and optical isolation protects the computer and other sensitive equipment from voltage
transients and ground loops that are common in industrial environments. The high-current Form C relays can switch up to 6A loads
at 250VAC and up to 5A at 30VDC. Form C relays can be wired for either normally open or normally closed operation.
SeaDAC modules are housed in a rugged, attractive plastic enclosure and include a highly-retentive USB Type B connector to prevent
accidental disconnection. The 8232 is USB bus powered, so no external power supply is needed. Standard operating temperature
range of SeaDAC modules is 0°C to 70°C and extended temperature range (-40°C to 85°C) is optional.
The SeaMAX software suite supports the SeaDAC family and is designed to work with third-party applications via the SeaMAX API
software libraries, or use any Modbus RTU compliant device. Sealevel’s SeaMAX software drivers and utilities make installation and
operation easy using Microsoft Windows and Linux operating systems.
Get a jump start on your digital I/O development with The Digital I/O Handbook that will provide helpful information that you will use
again and again. Check out Chapter 1 for an overview of logic principles.
Part: 8232 | Model: SeaDAC PLC-16H
WORLD CL AS S . A MERICAN M ADE.
Delivering Design & Manufacturing Excellence Since 1986


Similar Part No. - 8232

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8232 FILTRAN-8232 Datasheet
257Kb / 2P
LAN 10 BASE-T Surface Mount Interface Modules
logo
API Technologies Corp
8232 APITECH-8232 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
logo
Belden Inc.
8232 BELDEN-8232 Datasheet
151Kb / 3P
Video Triax, RG59, #20 Solid
11-09-2022
logo
Christian Bürkert GmbH ...
8232 BURKERT-8232 Datasheet
1,021Kb / 17P
Chlorine sensor
13.12.2022
logo
Belden Inc.
8232-0101000 BELDEN-8232-0101000 Datasheet
151Kb / 3P
Video Triax, RG59, #20 Solid
11-09-2022
More results

Similar Description - 8232

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8753A PHILIPS-TDA8753A Datasheet
111Kb / 20P
YUV 8-bit analog-to-digital interface
1996 Jan 12
logo
List of Unclassifed Man...
GMBHR168 ETC2-GMBHR168 Datasheet
1Mb / 70P
Mini BLOCK Housing 16 opto inputs, 8 Relay outputs
PCI-7260 ETC2-PCI-7260 Datasheet
244Kb / 1P
8-CH High-Power Relay Outputs & 8-CH Isolated Digital Inputs Card
logo
Advantech Co., Ltd.
USB-4761-AE ADVANTECH-USB-4761-AE Datasheet
159Kb / 1P
8-ch Relay and 8-ch Isolated Digital Input USB Module
logo
Moxa Inc.
E3200 MOXA-E3200 Datasheet
611Kb / 4P
Ethernet peer-to-peer I/O with 8 digital inputs and 8 digital outputs
logo
WAGO Kontakttechnik Gmb...
706-3037-305-100 WAGO-706-3037-305-100 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
706-3037-305-200 WAGO-706-3037-305-200 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
706-3037-305-300 WAGO-706-3037-305-300 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
logo
Pepperl+Fuchs Inc.
PSPA1C1GE PF-PSPA1C1GE Datasheet
311Kb / 1P
USB-C to Ethernet Adapter
logo
Schneider Electric
BMXDDM16025 SCHNEIDER-BMXDDM16025 Datasheet
190Kb / 5P
discrete I/O module X80 - 8 inputs - 24 V DC - 8 outputs - relay
Apr 18, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com