Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1214-200 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AM1214-200
Description  L-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1214-200 Datasheet(HTML) 3 Page - STMicroelectronics

  AM1214-200 Datasheet HTML 1Page - STMicroelectronics AM1214-200 Datasheet HTML 2Page - STMicroelectronics AM1214-200 Datasheet HTML 3Page - STMicroelectronics AM1214-200 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
All dimensions are in millimeters.
Substrate 0.025” Thick AL203 (Er
= 9.8)
C1,C2 :
0.6 - 4.5 pF Johanson 7475 Variable Capacitor
C3
: 100 pF Case B Chip Capacitor
C4
: 100
µF, 63V Electrolytic Capacitor
C5
: 68 pF Case B Chip Capacitor
C6
: 620 pF Case B Chip Capacitor
C7
: 0.1
µF Ceramic Capacitor
C8
: Feedthru bypass 1200 pF
L1
: .018” OD Wire - Placement is Critical
L2
: 4 Turn .018” OD Inductor
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 40W
VCC
= 40V
Normalized to 50 ohms
ZIN
ZCL
L
L
H
H
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 1215 MHz
2.7 + j 7.0
1.7
− j 4.0
M
= 1300 MHz
3.0 + j 4.8
1.4
− j 4.0
H
= 1400 MHz
1.8 + j 1.7
1.0
− j 2.0
AM1214-200
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com