Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0823708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0823708
Description  UC-WMC 7,5 (30X8) GN - Conductor marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0823708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0823708 Datasheet HTML 1Page - PHOENIX CONTACT 0823708 Datasheet HTML 2Page - PHOENIX CONTACT 0823708 Datasheet HTML 3Page - PHOENIX CONTACT 0823708 Datasheet HTML 4Page - PHOENIX CONTACT 0823708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Conductor marker, Sheet, green, unmarked, can be labeled with: BLUEMARK E.CARD,
BLUEMARK ID COLOR, BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER,
cable diameter range: 5 ... 7.5 mm, mounting type: clip on, Number of individual labels: 6, text
field height: 8 mm, text field width: 30 mm
Your advantages
The markers, which are supplied in uniform sheets, can be printed onto quickly and easily using the BLUEMARK printing systems
•
The UC-WMC ... UniCard labeling range includes markers for captive labeling of control lines to cable sheaths with large diameters
•
The format automatically ensures printing with a high degree of positioning accuracy
•
The markers support multi-line labeling
•
One-handed mounting
•
Two labeling areas that are clearly legible at all times
•
Can be clipped on even after wiring has been completed
•
The sheets provide space for including function texts
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0823708
Packing unit
5 pc
Minimum order quantity
5 pc
Sales key
BG10
Product key
BG2217
GTIN
4046356336024
Weight per piece (including packing)
10.458 g
Weight per piece (excluding packing)
10.458 g
Customs tariff number
39269097
Country of origin
PL
UC-WMC 7,5 (30X8) GN - Conductor marker
0823708
https://www.phoenixcontact.com/us/products/0823708
Aug 7, 2025, 12:32AM
Page 1 (5)


Similar Part No. - 0823708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0823724 PHOENIX-0823724 Datasheet
191Kb / 5P
UC-WMC 7,5 (30X8) OG - Conductor marker
0823740 PHOENIX-0823740 Datasheet
174Kb / 4P
PATO 1/18 - Conductor marker carrier
0823753 PHOENIX-0823753 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 2/18
09/11/2020
0823766 PHOENIX-0823766 Datasheet
185Kb / 5P
UC-EM (17,5X8) - Snap-in markers
0823782 PHOENIX-0823782 Datasheet
192Kb / 6P
UC1U-TM 5 PF - Marker for terminal blocks
More results

Similar Description - 0823708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818182 PHOENIX-0818182 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5)
09/11/2020
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0818768 PHOENIX-0818768 Datasheet
58Kb / 3P
Conductor marker - UC-WMC 3,1 (15X4) GN
09/11/2020
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
0818852 PHOENIX-0818852 Datasheet
61Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) RD
09/11/2020
0818865 PHOENIX-0818865 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) GN
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
0825373 PHOENIX-0825373 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) VT
09/11/2020
0825374 PHOENIX-0825374 Datasheet
73Kb / 4P
Conductor marker - UC-WMC 4,4 (23X5,5) VT
09/11/2020
0818195 PHOENIX-0818195 Datasheet
50Kb / 2P
Conductor marker - UC-WMC 4,4 (23X 5,5)
30.05.2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com